| Electronic Components Datasheet Search |
|
AN4243 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4243 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 29 page ![]() Application information AN4243 24/29 Doc ID 024199 Rev 1 3.3 Six-step driving method with BEMF zero crossing detection To implement a sensorless motor control system, the information on rotor position is achieved by BEMF zero-crossing detection; in this way, no hall-effect sensors or encoders are needed. In six-step driving mode one of the three phases is left in high-impedance state. Comparing the voltage of this phase with the motor neutral point voltage (or star point) we can detect the BEMF zero-crossing. This information about the commutation between two consecutive steps allows the rotor synchronization to be achieved. In the example of Figure 21, the OUT1 phase voltage is monitored by the CP+; the center- tap voltage is obtained as combination of three phase voltages and monitored by the CP- pin (R2 >> R1). Only when the OUT1 is in high-impedance, the CPOUT performs a commutation each time a BEMF zero crossing is detected. In this configuration one sense resistor is needed, the three OUT pins are connected together to RSENSE. Figure 21. Six-step with zero crossing detection typical application EN3 OUT1 CP+ CP- GND CPOUT OUT3 OUT2 VSA POWER GROUND SIGNAL GROUND + - VS 8-52VDC VSB VCP VBOOT CP CBOOT D2 D1 C1 C2 SENSE 1 RSENSE DIAG/EN CEN REN ENABLE IN3 EN2 IN2 EN1 IN1 EN3 Zero Crossing signal IN3 EN2 IN2 EN1 IN1 SENSE 2 SENSE 3 THREE-PHASE MOTOR M R2 R2 R2 R1 3R1 3R1 3R1 R2 R3 AM16583v1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |