Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4243 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4243 Datasheet HTML 1Page - STMicroelectronics AN4243 Datasheet HTML 2Page - STMicroelectronics AN4243 Datasheet HTML 3Page - STMicroelectronics AN4243 Datasheet HTML 4Page - STMicroelectronics AN4243 Datasheet HTML 5Page - STMicroelectronics AN4243 Datasheet HTML 6Page - STMicroelectronics AN4243 Datasheet HTML 7Page - STMicroelectronics AN4243 Datasheet HTML 8Page - STMicroelectronics AN4243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AN4243
L6230 block diagram
Doc ID 024199 Rev 1
3/29
1
L6230 block diagram
The L6230 (see Figure 1) includes logic for CMOS/TTL interface, a charge pump that
provides auxiliary voltage to drive the high-side DMOS, non-dissipative overcurrent
protection circuitry on the high-side DMOS, with a fixed trip point set at 2.8 A (see
Section 2.10), overtemperature protection, undervoltage lockout for reliable startup.
Figure 1.
L6230 block diagram
CHARGE
PUMP
VOLTAGE
REGULATOR
THERMAL
PROTECTION
OCD1
OCD
OCD2
10V
5V
VCP
VSA
GATE
LOGIC
VBOOT
VBOOT
OUT1
OUT2
SENSE
1
2
VSB
OUT3
SENSE3
DIAG-EN
IN1
IN3
EN3
EN2
CP+
IN2
OCD3
VBOOT
OCD1
10V
VBOOT
OCD2
10V
VBOOT
OCD3
10V
COMPARATOR
+
-
CP-
CPOUT
SENSE
EN1
AM16563v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com