Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4243 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4243 Datasheet HTML 1Page - STMicroelectronics AN4243 Datasheet HTML 2Page - STMicroelectronics AN4243 Datasheet HTML 3Page - STMicroelectronics AN4243 Datasheet HTML 4Page - STMicroelectronics AN4243 Datasheet HTML 5Page - STMicroelectronics AN4243 Datasheet HTML 6Page - STMicroelectronics AN4243 Datasheet HTML 7Page - STMicroelectronics AN4243 Datasheet HTML 8Page - STMicroelectronics AN4243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Designing an application with the L6230
AN4243
4/29
Doc ID 024199 Rev 1
2
Designing an application with the L6230
2.1
Current ratings
With MOSFET (DMOS) devices, unlike bipolar transistors, the current under short-circuit
conditions is, at first approximation, limited by the RDS(on) of the DMOS themselves and
could reach very high values.
The L6230 OUT pins and the two VSA and VSB pins are rated for a maximum of 1.4 A r.m.s
and 2.8 A peak (typical values). These values are meant to avoid damaging metal
structures, including the metallization on the die and bond wires.
In practical applications, maximum allowable current is less than these limits; actually the
constraint is the power dissipation. The device integrates overcurrent detection (OCD) that
provides protection against short-circuits between the outputs and between an output and
ground (see Section 2.10).
2.2
Voltage ratings and operating range
The L6230 requires a single supply voltage (VS), for the motor supply. Internal voltage
regulators provide the 5 V and 10 V required for the internal circuitry.
The operating range for VS is from 8 to 52 V. To prevent from working into undesirable low
voltage supply an undervoltage lockout (UVLO), circuit shuts down the device when supply
voltage falls below 6 V; to resume normal operating conditions, VS must then exceed 6.8 V.
The hysteresis is provided to avoid false intervention of the UVLO function during fast VS
ringings.
It should be noted, however, that DMOS's RDS(on) is a function of the VS supply voltage.
Actually, when VS is less than 10 V, RDS(on) is adversely affected, and this is particularly true
for the high-side DMOS that are driven from VBOOT supply. This supply is obtained through
a charge pump from the internal 10 V supply, which tends to reduce its output voltage when
VS goes below 10 V. Figure 2 shows the supply voltage of the high-side gate drivers
(VBOOT - VS) versus the supply voltage (VS).
Figure 2.
Supply voltage of high-side gate drivers versus supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com