Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD46185092B Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 15Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 16Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 17Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 18Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 19Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 20Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 21Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 22Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 19 of 35
Nov 09, 2012
Notes 1. When debugging the system or board, these products can operate at a clock frequency slower than TKHKH
(MAX.) without the PLL circuit being used, if DLL# = LOW. Read latency (RL) is changed to 1.0 clock
cycle in this operation. The AC/DC characteristics cannot be guaranteed, however.
2. Clock phase jitter is the variance from clock rising edge to the next expected clock rising edge. TKC var
(MAX.) indicates a peak-to-peak value.
3. VDD slew rate must be less than 0.1 V DC per 50 ns for PLL lock retention.
PLL lock time begins once VDD and input clock are stable.
It is recommended that the device is kept NOP (R# = W# = HIGH) during these cycles.
4. K input is monitored for this operation. See below for the timing.
K
K
TKC reset
or
TKC reset
5. Guaranteed by design.
6. Echo clock is very tightly controlled to data valid / data hold. By design, there is a
± 0.1 ns variation from
echo clock to data. The data sheet parameters reflect tester guardbands and test setup variations.
7. This is a synchronous device. All addresses, data and control lines must meet the specified setup
and hold times for all latching clock edges.
Remarks 1. This parameter is sampled.
2. Test conditions as specified with the output loading as shown in AC Test Conditions unless otherwise
noted.
3. Control input signals may not be operated with pulse widths less than TKHKL (MIN.).
4. If C, C# are tied HIGH, K, K# become the references for C, C# timing parameters.
5. VDDQ is 1.5 V DC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com