Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD46185092B Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 23Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 24Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 25Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 26Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 27Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 28Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 29Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 30Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 27 of 35
Nov 09, 2012
JTAG Instructions
Instructions
Description
EXTEST
The EXTEST instruction allows circuitry external to the component package to be tested.
Boundary-scan register cells at output pins are used to apply test vectors, while those at
input pins capture test results. Typically, the first test vector to be applied using the
EXTEST instruction will be shifted into the boundary scan register using the PRELOAD
instruction. Thus, during the update-IR state of EXTEST, the output drive is turned on and
the PRELOAD data is driven onto the output pins.
IDCODE
The IDCODE instruction causes the ID ROM to be loaded into the ID register when the
controller is in capture-DR mode and places the ID register between the TDI and TDO pins
in shift-DR mode. The IDCODE instruction is the default instruction loaded in at power up
and any time the controller is placed in the test-logic-reset state.
BYPASS
When the BYPASS instruction is loaded in the instruction register, the bypass register is
placed between TDI and TDO. This occurs when the TAP controller is moved to the shift-
DR state. This allows the board level scan path to be shortened to facilitate testing of other
devices in the scan path.
SAMPLE / PRELOAD SAMPLE / PRELOAD is a Standard 1149.1 mandatory public instruction.
When the
SAMPLE / PRELOAD instruction is loaded in the instruction register, moving the TAP
controller into the capture-DR state loads the data in the RAMs input and Q pins into the
boundary scan register. Because the RAM clock(s) are independent from the TAP clock
(TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input
buffers are in transition (i.e., in a metastable state). Although allowing the TAP to sample
metastable input will not harm the device, repeatable results cannot be expected. RAM
input signals must be stabilized for long enough to meet the TAPs input data capture setup
plus hold time (tCS plus tCH). The RAMs clock inputs need not be paused for any other
TAP operation except capturing the I/O ring contents into the boundary scan register.
Moving the controller to shift-DR state then places the boundary scan register between the
TDI and TDO pins.
SAMPLE-Z
If the SAMPLE-Z instruction is loaded in the instruction register, all RAM Q pins are forced
to an inactive drive state (high impedance) and the boundary register is connected between
TDI and TDO when the TAP controller is moved to the shift-DR state.
JTAG Instruction Coding
IR2
IR1
IR0
Instruction
Note
0
0
0
EXTEST
0
0
1
IDCODE
0
1
0
SAMPLE-Z
1
0
1
1
RESERVED
2
1
0
0
SAMPLE / PRELOAD
1
0
1
RESERVED
2
1
1
0
RESERVED
2
1
1
1
BYPASS
Notes 1. TRISTATE all Q pins and CAPTURE the pad values into a SERIAL SCAN LATCH.
2. Do not use this instruction code because the vendor uses it to evaluate this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com