Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD46185092B Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 24Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 25Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 26Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 27Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 28Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 29Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 30Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 31Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 28 of 35
Nov 09, 2012
Output Pin States of CQ, CQ# and Q
Instructions
Control-Register Status
Output Pin Status
CQ,CQ#
Q
EXTEST
0
Update
High-Z
1
Update
Update
IDCODE
0
SRAM
SRAM
1
SRAM
SRAM
SAMPLE-Z
0
High-Z
High-Z
1
High-Z
High-Z
SAMPLE
0
SRAM
SRAM
1
SRAM
SRAM
BYPASS
0
SRAM
SRAM
1
SRAM
SRAM
Remark The output pin statuses during each instruction vary according
to the Control-Register status (value of Boundary Scan
Register, bit no. 48).
There are three statuses:
Update : Contents of the “Update Register” are output to
the output pin (QDR Pad).
SRAM : Contents of the SRAM internal output “SRAM
Output” are output to the output pin (QDR Pad).
High-Z : The output pin (QDR Pad) becomes high
impedance by controlling of the “High-Z JTAG
ctrl”.
The Control-Register status is set during Update-DR at the
EXTEST or SAMPLE instruction.
SRAM
CAPTURE
Register
Boundary Scan
Register
Update
Register
QDR
Pad
SRAM
Output
Driver
High-Z
JTAG ctrl
High-Z
Update
SRAM
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com