Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 102Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 103Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 104Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 105Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 106Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 107Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 108Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 109Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 366 page
background image
PIC18CXX8
DS30475A-page 106
Advanced Information
 2000 Microchip Technology Inc.
8.9
PORTJ, LATJ, and TRISJ Registers
PORTJ is an 8-bit wide, bi-directional port available
only on the PIC18C858 devices. The corresponding
Data Direction register is TRISJ. Setting a TRISJ bit
(=1) will make the corresponding PORTJ pin an input
(i.e., put the corresponding output driver in a
hi-impedance mode). Clearing a TRISJ bit (=0) will
make the corresponding PORTJ pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATJ register
read and write the latched output value for PORTJ.
PORTJ on the PIC18C858 is an 8-bit port with Schmitt
Trigger input buffers. Each pin is individually config-
urable as an input or output.
EXAMPLE 8-9:
INITIALIZING PORTJ
FIGURE 8-18: PORTJ BLOCK DIAGRAM
Note:
This port is available on PIC18C858.
CLRF
PORTJ
; Initialize PORTJ by
; clearing output
; data latches
CLRF
LATJ
; Alternate method
; to clear output
; data latches
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISJ
; Set RJ3:RJ0 as inputs
; RJ5:RJ4 as outputs
; RJ7:RJ6 as inputs
Data Bus
WR LATJ
WR TRISJ
Data Latch
TRIS Latch
RD TRISJ
Q
D
Q
CK
QD
EN
Q
D
Q
CK
P
N
VDD
VSS
RD PORTJ
I/O Pin
or
WR PORTJ
RD LATJ
Schmitt
Trigger
Note:
I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com