Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 104Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 105Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 106Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 107Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 108Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 109Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 110Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 111Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 366 page
background image
PIC18CXX8
DS30475A-page 108
Advanced Information
 2000 Microchip Technology Inc.
8.10
PORTK, LATK, and TRISK Registers
PORTK is an 8-bit wide, bi-directional port available
only on the PIC18C858 devices. The corresponding
Data Direction register is TRISK. Setting a TRISK bit
(=1) will make the corresponding PORTK pin an input
(i.e., put the corresponding output driver in a
hi-impedance mode). Clearing a TRISK bit (=0) will
make the corresponding PORTK pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATK register
read and write the latched output value for PORTK.
PORTK is an 8-bit port with Schmitt Trigger input buff-
ers. Each pin is individually configurable as an input or
output.
EXAMPLE 8-10: INITIALIZING PORTK
FIGURE 8-19: PORTK BLOCK DIAGRAM
TABLE 8-19:
PORTK FUNCTIONS
TABLE 8-20:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTK
Note:
This port is available on PIC18C858.
CLRF
PORTK
; Initialize PORTK by
; clearing output
; data latches
CLRF
LATK
; Alternate method
; to clear output
; data latches
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISK
; Set RK3:RK0 as inputs
; RK5:RK4 as outputs
; RK7:RK6 as inputs
Data
Bus
WR LATK
WR TRISK
RD PORTK
Data Latch
TRIS Latch
RD TRISK
Schmitt
Trigger
Input
Buffer
I/O Pin
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATK
or
WR PORTK
Note:
I/O pins have diode protection to VDD and VSS.
Name
Bit#
Buffer Type
Function
RK0
bit0
ST
Input/output port pin.
RK1
bit1
ST
Input/output port pin.
RK2
bit2
ST
Input/output port pin.
RK3
bit3
ST
Input/output port pin.
RK4
bit4
ST
Input/output port pin.
RK5
bit5
ST
Input/output port pin.
RK6
bit6
ST
Input/output port pin.
RK7
bit7
ST
Input/output port pin.
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other RESETS
TRISK
PORTK Data Direction Control Register
1111 1111
1111 1111
PORTK Read PORTK pin / Write PORTK Data Latch
xxxx xxxx
uuuu uuuu
LATK
Read PORTK Data Latch/Write PORTK Data Latch
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com