Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 103Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 104Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 105Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 106Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 107Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 108Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 109Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 110Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 107
PIC18CXX8
TABLE 8-17:
PORTJ FUNCTIONS
TABLE 8-18:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTJ
Name
Bit#
Buffer Type
Function
RJ0
bit0
ST/TTL
Input/output port pin.
RJ1
bit1
ST/TTL
Input/output port pin.
RJ2
bit2
ST/TTL
Input/output port pin.
RJ3
bit3
ST/TTL
Input/output port pin.
RJ4
bit4
ST/TTL
Input/output port pin.
RJ5
bit5
ST/TTL
Input/output port pin.
RJ6
bit6
ST/TTL
Input/output port pin.
RJ7
bit7
ST/TTL
Input/output port pin.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Name
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other
RESETS
TRISJ
PORTJ Data Direction Control Register
1111 1111
1111 1111
PORTJ
Read PORTJ pin/Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
LATJ
Read PORTJ Data Latch/Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com