Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 28Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 29Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 30Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 31Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 32Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 33Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 34Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 35Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
VIN
470, KRg
200, Rin
47, Rg
A1
LMH6629
0.417V
Vset
RO
RO
CO
Vin-
Vin+
VREF
470, KRg
1k, Rf
ADC
2.5V
GND
3Vpp
2.5V
2.5V
3Vpp
2.32k
1%
R1
464
1%
R2
600 mVpp
5V
5V
Rin
K
200
1k
Let R
,
10
f
:
=
o
:
=
=
V
V
CM
o
;
5
.
2
_
=
V
set =
V
417
.
0
=
V
5
.
2
2 x
2
10 +
Vpp
V
diff
o
;
6
_
=
mVpp
V
in
600
=
:
Example
K =
V diff
_
o
V
in
=
K
2R
f
R
in
:
s
Expression
Governing
=
V
set
V
2
CM
_
o
2
K +
A2
LMH6629
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following discussion details some of the applications that can benefit from the LMH6629’s ultra-low noise,
wide bandwidth, and single supply capability.
Note that It is essential to use a low-noise / low-distortion device to drive a high resolution ADC. This will
minimize the impact on the quantization noise and to make sure that the driver’s distortion does not dominate the
acquired data.
Equation 11 demonstrates the converter noise expression and Equation 12 shows the converter noise
expression evaluated for the example depicted in Figure 66. Figure 67 shows a high-performance low-noise
equalizer for such applications as magnetic tape channels using the LMH6629. Figure 68 shows the circuit’s
simulated frequency response.
8.2 Typical Application
Many high-resolution data converters (ADC’s) require a differential input driver. In order to preserve the ADC’s
dynamic range, the analog input driver must have a noise floor which is lower than the ADC’s noise floor.
Figure 66 shows a ground referenced bipolar input (symmetrical swing around 0V) SE to differential converter
used to drive a high resolution ADC. The combination of LMH6629’s low noise and the converter architecture
reduces the impact on the ADC noise.
Figure 66. Low-Noise Single-Ended (SE) to Differential Converter
32
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com