Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 2Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 3Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 4Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 5Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics 5V (continued)
The following specifications apply for single supply with VS = 5 V, RL = 100 Ω terminated to 2.5 V, gain = 10V/V, VO = 2VPP,
VCM = VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted.
(1)
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN(2)
TYP(3)
MAX(2)
ANALOG I/O
CMRR > 70 dB, WSON-8 package
−0.30
3.8
Input voltage
CMVR
V
range
CMRR > 70 dB, SOT-23-5 package
−0.30 to 3.8
0.89
0.82 to 4.19
4.0
RL = 100 Ω to VS/2
-40°C
≤ TJ ≤ +125°C
0.95
3.9
Output voltage
VO
V
range
0.76
0.72 to 4.28
4.1
No Load
-40°C
≤ TJ ≤ +125°C
0.85
4.0
Linear output
IOUT
VO = 2.5 V
(4)
250
mA
current
±150
±780
Input offset
VOS
µV
voltage
-40°C
≤ TJ ≤ +125°C
±800
Input offset
TcVOS
voltage
See (5)
±0.45
μV/°C
temperature drift
−15
−23
IBI
Input bias current
See (6)
μA
-40°C
≤ TJ ≤ +125°C
−37
±0.1
±1.8
Input offset
IOS
μA
current
-40°C
≤ TJ ≤ +125°C
±3.0
Input offset
TCIOS
voltage
See (5)
±2.8
nA/°C
temperature drift
CCM
Common Mode
1.7
Input capacitance
pF
CDIFF
Differential Mode(7)
4
RCM
Input resistance
Common Mode
450
k
Ω
MISCELLANEOUS PARAMETERS
82
87
VCM from 0 V to 3.7 V, WSON-8
Common mode
package
CMRR
-40°C
≤ TJ ≤ +125°C
70
rejection ratio
VCM from 0 V to 3.7 V, SOT-23-5 package
87
81
83
Power supply
PSRR
dB
rejection ratio
-40°C
≤ TJ ≤ +125°C
78
74
78
WSON-8 package
AVOL
Open loop gain
-40°C
≤ TJ ≤ +125°C
72
SOT-23-5 package
78
(4)
The maximum continuous output current (IOUT) is determined by device power dissipation limitations. Continuous short circuit operation
at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device
(7)
Simulation results.
6
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com