Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 18Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 19Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 20Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 21Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 22Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 23Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 24Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 25Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
zero"
"
Gain
Noise

1
C
EQ
p
C
C
)
R
R
(R
2
+
+
5
4.0
2.0
0.0
-2.0
-4.0
-6.0
f (MHz)
RA
Rf
Rg
RB
Cf
1
10
100
1,000
10,000
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
Cf = 1.5 pF
RA = 33 Ω
RB = 91 Ω
Figure 51. SOT-23-5 Package Low Closed Loop Gain Operation
with External Compensation
For the Figure 51 measured results, a compensation capacitor (Cf') was used across Rf to compensate for the
summing node net capacitance due to the board and the SOT-23–5 LMH6629. The RA and RB combination
reduces the effective capacitance of Cf‘ by the ratio of 1+RB / RA, with the constraint that RB << Rf, thereby
allowing a practical capacitance value (> 1pF) to be used. The WSON-8 package does not need this
compensation across Rf due to its lower parasitics.
With the COMP pin HI (WSON-8 package only) or with the SOT-23–5 package, this circuit achieves high slew
rate and takes advantage of the LMH6629’s superior low-noise characteristics without sacrificing stability, while
enabling lower gain applications. It should be noted that the Rc, Cc combination does lower the input impedance
and increases noise gain at higher frequencies. With these values, the input impedance reduces by 3 dB at 490
MHz. The Noise Gain transfer function “zero” is given by Equation 1 and it has a 3-dB increase at 32.8 MHz with
these values:
External Compensation Noise Gain Increase:
(1)
22
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com