Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 4Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 5Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 10Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 11Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
6.6 Electrical Characteristics 3.3V
The following specifications apply for single supply with VS = 3.3 V, RL = 100 Ω terminated to 1.65 V, gain = 10V/V, VO = 1
VPP, VCM = VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted.
(1)
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN(2)
TYP(3)
MAX(2)
DYNAMIC PERFORMANCE
VO = 200 mVPP, WSON-8 package
820
Small signal
−3dB VO = 200 mVPP, SOT-23-5 package
950
SSBW
MHz
bandwidth
COMP Pin = LO, AV= 4,
730
VO = 200 mVPP
VO = 1VPP
540
Large signal
−3dB
LSBW
MHz
bandwidth
COMP Pin = LO, AV= 4, VO = 1VPP
320
AV= 10, VO = 200 mVPP,
330
WSON-8 package
AV= 10, VO = 200 mVPP,
0.1 dB Bandwidth
190
MHz
SOT-23-5 package
COMP Pin = LO, AV= 4,
85
VO = 200 mVPP
VO = 200 mVPP, WSON-8 package
0
Peaking
dB
VO = 200 mVPP, SOT-23-5 package
1.8
AV= 10, 1.3V step
1100
SR
Slew rate
V/µs
COMP Pin = LO, AV= 4, 1.3V step
500
AV= 10, 1V step, 10% to 90%,
0.7
WSON-8 package
AV= 10, 1V step, 10% to 90%,
tr/ tf
Rise/fall time
0.55
SOT-23-5 package
AV= 4, COMP Pin = LO, 1V step, 10% to 90% (Slew Rate
ns
1.3
Limited)
Ts
Settling time
AV= 10, 1V step, ±0.1%
70
Overload
VIN = 1VPP
2
recovery
NOISE and DISTORTION
fc = 1MHz, VO = 1VPP
-82
COMP Pin = LO, AV= 4,
-88
fc = 1MHz, VO = 1VPP
2nd Order
HD2
dBc
distortion
fc = 10 MHz, VO = 1VPP
-67
COMP Pin = LO, fc = 10 MHz,
-74
AV= 4V, VO = 1VPP
fc = 1MHz, VO = 1VPP
-94
COMP Pin = LO, AV= 4,
-112
fc = 1MHz, VO = 1VPP
3rd Order
HD3
dBc
distortion
fc = 10 MHz, VO = 1VPP
-79
COMP pin = LO, fc = 10 MHz,
-96
VO = 1VPP
Two-tone 3rd
fc = 25 MHz, VO = 1VPP composite
30
OIP3
order intercept
dBm
fc = 75 MHz, VO = 1VPP composite
26
point
en
Noise voltage
0.69
nV/
√Hz
Input referred, f > 1MHz
in
Noise current
2.6
pA/
√Hz
NF
Noise figure
RS = RT = 50 Ω
8.0
dB
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical numbers are the most likely parametric norm.
8
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com