Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 10Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 11Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 12Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 13Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 14Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 15Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
0.1
1
10
100
1,000
f (MHz)
4
2
0
-2
-4
-6
-8
-10
-12
Vo = 80 mVpp
Vo = 0.8 Vpp
0.1
1
10
100
1,000
f (MHz)
4
2
0
-2
-4
-6
-8
-10
-12
Vo = 80 mVpp
Vo = 0.8 Vpp
100k
1M
10M
100M
1G
f (Hz)
1
0
-1
-2
-3
-4
-5
Vo = 0.2 Vpp
Vo = 1 Vpp
Vo = 0.2 Vpp
Vo = 1 Vpp
f (Hz)
100k
-5
1M
10M
100M
1G
10G
-4
-3
-2
-1
0
1
2
100k
1M
10M
100M
1G
f (Hz)
1
0
-1
-2
-3
-4
-5
Vo = 0.2 Vpp
Vo = 2 Vpp
100k
1M
10M
100M
1G
10G
2
1
0
-1
-2
-3
-4
-5
Vo = 0.2 Vpp
Vo = 2 Vpp
f (Hz)
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240 Ω, RL = 100 Ω, VO = 2 VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and
SOT-23-5 packages (unless specifically noted).
Av=10 V/V
Av = 10 V/V
Figure 8. Non-Inverting Frequency Response
Figure 7. Non-Inverting Frequency Response
with Varying VO, SOT-23-5 Package
with Varying VO, WSON-8 Package
Av=10 V/V
Vs= +/-1.5 V
Av = 10 V/V
Vs = +/-1.5 V
Figure 10. Non-Inverting Frequency Response
Figure 9. Non-Inverting Frequency Response
with Varying VO, SOT-23-5 Package
with Varying VO, WSON-8 Package
Av = 4 V/V
COMP Pin = LO
Av = 4 V/V
Vs = ±1.5 V
COMP Pin = LO
Figure 11. Non-Inverting Frequency Response
Figure 12. Non-Inverting Frequency Response
with Varying VO, WSON-8 Package
with Varying VO, WSON-8 Package
12
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com