Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6629MF/NOPB Datasheet HTML 1Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 2Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 3Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 4Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 5Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
RF
1.2k
RL
500
+5VDC
D1
+5VDC
CD = 10 pF
+5VDC
R2
2k
C1
0.1 2F
R1
3k
LMH
6629
ID
CF
0.6 pF
(1.2 pF (2) series)
Vout = 3VDC - 1200 x ID
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
LMH6629 Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
1 Features
3 Description
The LMH6629 is a high-speed, ultra-low noise
1
•
Specified for VS = 5 V, RL = 100 Ω, AV = 10V/V
amplifier designed for applications requiring wide
WSON-8 Package, unless Specified. –3dB
bandwidth with high gain and low noise such as in
Bandwidth 900 MHz
communication, test and measurement, optical and
•
Input Voltage Noise 0.69 nV/
√Hz
ultrasound systems.
•
Input Offset Voltage Max. Over Temperature ±0.8
The LMH6629 operates on 2.7-V to 5.5-V supply with
mV
an input common mode range that extends below
•
Slew Rate 1600 V/
μs
ground and outputs that swing to within 0.8 V of the
rails for ease of use in single supply applications.
•
HD2 @ f = 1 MHz, 2VPP −90 dBc
Heavy loads up to ±250 mA can be driven by high-
•
HD3 @ f = 1 MHz, 2VPP −94 dBc
frequency large signals with the LMH6629's –3dB
•
Supply Voltage Range 2.7 V to 5.5 V
bandwidth of 900 MHz and 1600 V/µs slew rate. The
LMH6629
(WSON-8
package
only)
has
user-
•
Typical Supply Current 15.5 mA
selectable internal compensation for minimum gains
•
Selectable Min. Gain
≥4 or ≥10 V/V
of 4 or 10 controlled by pulling the COMP pin low or
•
Enable Time: 75 ns
high,
thereby
avoiding
the
need
for
external
•
Output Current ±250 mA
compensation capacitors required in competitive
devices. Compensation for the SOT-23-5 package is
•
WSON-8 and SOT-23-5 Packages
internally set for a minimum stable gain of 10 V/V.
The WSON-8 package also provides the power-down
2 Applications
enable/disable feature.
•
Instrumentation Amplifiers
The low-input noise (0.69 nV/
√Hz and 2.6 pA/√Hz),
•
Ultrasound Pre-amps
low distortion (HD2/HD3 =
−90 dBc/−94 dBc) and
•
Wide-band Active Filters
ultra-low DC errors (800 µV VOS maximum over
temperature,
±0.45
µV/°C
drift)
allow
precision
•
Opto-Electronics
operation in both ac- and dc-coupled applications.
•
Medical Imaging Systems
The LMH6629 is fabricated in Texas Instruments'
•
Base-Station Amplifiers
proprietary SiGe process and is available in a 3 mm ×
•
Low-Noise Single Ended to Differential
3 mm 8-pin WSON package as well as the SOT-23-5
Conversion
package.
•
Trans-Impedance Amplifier
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
LMH6629
WSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Transimpedance Amplifier
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6629MF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6629MF NSC-LMH6629MF Datasheet
1Mb / 28P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFE NSC-LMH6629MFE Datasheet
1Mb / 28P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629MFENOPB TI1-LMH6629MFENOPB Datasheet
1Mb / 38P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFNOPB TI1-LMH6629MFNOPB Datasheet
1Mb / 38P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFXNOPB TI1-LMH6629MFXNOPB Datasheet
1Mb / 38P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
More results

Similar Description - LMH6629MF/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
LMH6629 TI1-LMH6629_14 Datasheet
1Mb / 38P
Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Renesas Technology Corp
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com