Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6629MF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629MF/NOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6629MF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6629MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 9Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 10Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 11Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 12Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 13Page - Texas Instruments LMH6629MF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
LMH6629
SNOSB18I – APRIL 2010 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics 3.3V (continued)
The following specifications apply for single supply with VS = 3.3 V, RL = 100 Ω terminated to 1.65 V, gain = 10V/V, VO = 1
VPP, VCM = VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted.
(1)
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN(2)
TYP(3)
MAX(2)
DIGITAL INPUTS/TIMING
Logic low-voltage
VIL
0.8
threshold
PD and COMP pins, WSON-8 package
V
Logic high-voltage
VIH
2.0
threshold
-17
-23
-28
Logic low-bias
PD and COMP pins = 0.8 V,
IIL
current
WSON-8 package(6)
-40°C
≤ TJ ≤ +125°C
-14
-32
µA
-16
-22
-27
Logic high-bias
PD and COMP pins = 2.0 V,
IIH
current
WSON-8 package(6)
-40°C
≤ TJ ≤ +125°C
-13
-31
Ten
Enable time
75
WSON-8 package
ns
Tdis
Disable time
80
POWER REQUIREMENTS
No Load, Normal Operation (PD
13.7
14.9
Pin = HI or open for WSON-8
-40°C
≤ TJ ≤ +125°C
16.0
package)
IS
Supply current
mA
0.89
1.4
No Load, Shutdown (PD Pin = LO
for WSON-8 package)
-40°C
≤ TJ ≤ +125°C
1.5
10
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com