Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760LDAPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 25Page - Texas Instruments TAS5760LDAPR Datasheet HTML 26Page - Texas Instruments TAS5760LDAPR Datasheet HTML 27Page - Texas Instruments TAS5760LDAPR Datasheet HTML 28Page - Texas Instruments TAS5760LDAPR Datasheet HTML 29Page - Texas Instruments TAS5760LDAPR Datasheet HTML 30Page - Texas Instruments TAS5760LDAPR Datasheet HTML 31Page - Texas Instruments TAS5760LDAPR Datasheet HTML 32Page - Texas Instruments TAS5760LDAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
RL is the load resistance.
VP is the peak amplitude achievable when the soft clipper circuit is active (As mentioned previously, VP = [4 x
VSFT_CLIP], provided that [4 x VSFT_CLIP] < PVDD.)
POUT (10%THD) ≈ 1.25 × POUT (unclipped)
If the PVDD level is below (4 x VSFT_CLIP) clipping will occur due to clipping at PVDD before the clipping due to
the soft clipper circuit becomes active.
Table 4. Soft Clipper Example
Resistor to GND
PVDD [V]
SFT_CLIP Pin Voltage [V]
Resistor to GVDD [k
Ω]
Output Voltage [Vrms]
[k
Ω]
12
GVDD
(Open)
0
10.33
12
2.25
24
51
9.00
12
1.5
18
68
6.30
9.4.1.4 Speaker Amplifier Switching Frequency Select (FREQ/SDA Pin)
In Hardware Control mode, the PWM switching frequency of the TAS5760L is configurable via the FREQ/SDA
pin. When connected to the system ground, the pin sets the output switching frequency to 16 × fS. When
connected to DVDD through a pull-up resistor, as shown in the Typical Application Circuits, the pin sets the
output switching frequency to 8 × fS. More switching frequencies are available when the TAS5760L is used in
Software Control Mode.
9.4.1.5 Parallel Bridge Tied Load Mode Select (PBTL/SCL Pin)
The TAS5760L can be configured to drive a single speaker with the two output channels connected in parallel.
This mode of operation is called Parallel Bridge Tied Load (PBTL) mode. This mode of operation effectively
reduces the output impedance of the amplifier in half, which in turn reduces the power dissipated in the device
due to conduction losses through the output FETs. Additionally, since the output channels are working in parallel,
it also doubles the amount of current the speaker amplifier can source before hitting the over-current error
threshold.
The device can be placed operated in PBTL mode in either Hardware Control Mode or in Software Control Mode,
via the I²C Control Port. For instructions on placing the device in PBTL via the I²C Control Port, see Software
Control Mode.
To place the TAS5760L into PBTL Mode when operating in Hardware Control Mode, the PBTL/SCL pin should
be pulled HIGH (that is, connected to the DVDD supply through a pull-up resistor). If the device is to operate in
BTL mode instead, the PBTL/SCL pin should be pulled LOW, that is connected to the system supply ground.
When operated in PBTL mode, the output pins should be connected as shown in the Typical Application Circuit
Diagrams.
In PBTL mode, the amplifier selects its source signal from the right channel of the stereo signal presented on the
SDIN line of the Serial Audio Port. To select the right channel of the stereo signal, the LRCK can be inverted in
the processor that is sending the serial audio data to the TAS5760L.
9.4.1.6 Speaker Amplifier Sleep Enable (SPK_SLEEP/ADR Pin)
In Hardware Control mode, pulling the SPK_SLEEP/ADR pin HIGH gracefully transitions the switching of the
output devices to a non-switching state or "High-Z" state. This mode of operation is similar to mute in that no
audio is present on the outputs of the device. However, unlike the 50/50 mute available in the I²C Control Port,
sleep mode saves quiescent power dissipation by stopping the speaker amplifier output transitors from switching.
This mode of operation saves quiescent current operation but keeps signal path blocks active so that normal
operation can resume more quickly than if the device were placed into shutdown. It is recommended to place the
device into sleep mode before stopping the audio signal coming in on the SDIN line or before bringing down the
power supplies connected to the TAS5760L in order to avoid audible artifacts.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com