Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760LDAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5760LDAPR Datasheet HTML 1Page - Texas Instruments TAS5760LDAPR Datasheet HTML 2Page - Texas Instruments TAS5760LDAPR Datasheet HTML 3Page - Texas Instruments TAS5760LDAPR Datasheet HTML 4Page - Texas Instruments TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Pin Functions (continued)
TAS5760L
NO.
TYPE(1)
INTERNAL TERMINATION
DESCRIPTION
NAME
Connection point for the SPK_OUTA- bootstrap capacitor, which is used to
BSTRPA-
39
P
-
create a power supply for the high-side gate drive for SPK_OUTA-
Connection point for the SPK_OUTA+ bootstrap capacitor, which is used to
BSTRPA+
43
P
-
create a power supply for the high-side gate drive for SPK_OUTA
Connection point for the SPK_OUTB- bootstrap capacitor, which is used to
BSTRPB-
38
P
-
create a power supply for the high-side gate drive for SPK_OUTB-
Connection point for the SPK_OUTB+ bootstrap capacitor, which is used to
BSTRPB+
34
P
-
create a power supply for the high-side gate drive for SPK_OUTB+
Ground for digital circuitry (NOTE: This pin should be connected to the
DGND
17
G
-
system ground)
DVDD
9
P
-
Power supply for the internal digital circuitry
Dual function pin that functions as an I²C data input pin in I²C Control Mode
FREQ/SDA
7
DI
Weak Pull-Down
or as a Frequency Select terminal when in Hardware Control Mode.
Ground for gate drive circuitry (this terminal should be connected to the
GGND
47
G
-
system ground)
Voltage regulator derived from PVDD supply (NOTE: This pin is provided as
GVDD_REG
48
P
-
a connection point for filtering capacitors for this supply and must not be
used to power any external circuitry)
Word select clock for the digital signal that is active on the serial port's input
LRCK
16
DI
Weak Pull-Down
data line
Master Clock used for internal clock tree, sub-circuit/state machine, and
MCLK
13
DI
Weak Pull-Down
Serial Audio Port clocking
Not connected inside the device (all "no connect" pins should be connected
18-
NC
-
-
to ground for best thermal performance, however they can be used as
31
routing channels if required.)
Dual function pin that functions as an I²C clock input terminal in I²C Control
PBTL/SCL
8
DI
Weak Pull-Down
Mode or configures the device to operate in pre-filter Parallel Bridge Tied
Load (PBTL) mode when in Hardware Control Mode
36,
Ground for power device circuitry (NOTE: This terminal should be
PGND
G
-
41
connected to the system ground)
32,
33,
PVDD
P
-
Power Supply for internal power circuitry
44,
45
Bit clock for the digital signal that is active on the serial data port's input
SCLK
14
DI
Weak Pull-Down
data line
SDIN
15
DI
Weak Pull-Down
Data line to the serial data port
SFT_CLIP
1
AI
-
sets the maximum output voltage before clipping
Speaker amplifier fault terminal, which is pulled LOW when an internal fault
SPK_FAULT
5
DO
-
occurs
SPK_GAIN0
10
DI
Weak Pull-Down
Adjusts the LSB of the multi-bit gain of the speaker amplifier
SPK_GAIN1
11
DI
Weak Pull-Down
Adjusts the MSB of the multi-bit gain of the speaker amplifier
SPK_SLEEP/
In Hardware Control Mode, places the speaker amplifier in sleep mode. In
12
DI
Weak Pull-Up
ADR
Software Control Mode, is used to determine the I²C Address of the device
SPK_OUTA-
40
AO
-
Negative pin for differential speaker amplifier output A
SPK_OUTA+
42
AO
-
Positive pin for differential speaker amplifier output A
SPK_OUTB-
37
AO
-
Negative pin for differential speaker amplifier output B
SPK_OUTB+
35
AO
-
Positive pin for differential speaker amplifier output B
SPK_SD
6
AO
-
Places the speaker amplifier in shutdown
VCOM
3
P
-
Bias voltage for internal PWM conversion block
Provides both electrical and thermal connection from the device to the
board. A matching ground pad must be provided on the PCB and the
PowerPAD™
-
G
-
device connected to it via solder. For proper electrical operation, this
ground pad must be connected to the system ground.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com