Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760LDAPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 33Page - Texas Instruments TAS5760LDAPR Datasheet HTML 34Page - Texas Instruments TAS5760LDAPR Datasheet HTML 35Page - Texas Instruments TAS5760LDAPR Datasheet HTML 36Page - Texas Instruments TAS5760LDAPR Datasheet HTML 37Page - Texas Instruments TAS5760LDAPR Datasheet HTML 38Page - Texas Instruments TAS5760LDAPR Datasheet HTML 39Page - Texas Instruments TAS5760LDAPR Datasheet HTML 40Page - Texas Instruments TAS5760LDAPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Speaker Shutdown [0] (R/W)
1111110 1
Speaker amplifier is shut down (This is the lowest power mode available when the device is connected to power
supplies. In this mode, circuitry in both the DVDD and PVDD domain are powered down to minimize power
- - - - - - - 0
consumption.)
Speaker amplifier is not shut down
- - - - - - - 1
9.5.2.3 Digital Control (2 / 0x02)
High-Pass Filter Bypass [7] (R/W)
00010100
The internal high-pass filter in the digital path is not bypassed.
0 - - - - - - -
The internal high-pass filter in the digital path is bypassed.
1 - - - - - - -
Reserved [6] (Read Only)
0 0 010100
This control is reserved and must not be changed from its default setting.
- 0 - - - - - -
Digital Boost [5:4] (R/W)
00 01 0100
+0 dB is added to the signal in the digital path
- - 0 0 - - - -
+6 dB is added to the signal in the digital path
- - 0 1 - - - -
+12 dB is added to the signal in the digital path
- - 1 0 - - - -
+18 dB is added to the signal in the digital path
- - 1 1 - - - -
Single Speed / Double Speed Mode Select
0001 0 100
Serial Audio Port will accept single speed sample rates (that is 32kHz, 44.1kHz, 48kHz)
- - - - 0 - - -
Serial Audio Port will accept double speed sample rates (that is 64kHz, 88.2kHz, 96kHz)
- - - - 1 - - -
Serial Audio Input Format
00010 100
Serial Audio Input Format is 24 Bits, Right Justified
- - - - - 0 0 0
Serial Audio Input Format is 20 Bits, Right Justified
- - - - - 0 0 1
Serial Audio Input Format is 18 Bits, Right Justified
- - - - - 0 1 0
Serial Audio Input Format is 16 Bits, Right Justified
- - - - - 0 1 1
Serial Audio Input Format is I²S
- - - - - 1 0 0
Serial Audio Input Format is 16-24 Bits, Left Justified
- - - - - 1 0 1
Settings above 101 are reserved and must not be used
> - - - - - 1 0 1
9.5.2.4 Volume Control Configuration (3 / 0x03)
Volume Fade Enable [7] (R/W)
10000000
Volume fading is disabled
0 - - - - - - -
Volume fading is enabled
1 - - - - - - -
Reserved [6:2] (Read Only)
10000000
This control is reserved and must not be changed from its default setting.
- - - - - - - -
Mute Right Channel [1] (R/W)
100001 0 0
The right channel is not muted
- - - - - - 0 -
The right channel is muted (In software mute, most analog and digital blocks remain active and the speaker amplifier
- - - - - - 1 -
outputs transition to a 50/50 duty cycle.)
Mute Left Channel [0] (R/W)
1000000 0
The left channel is not muted
- - - - - - - 0
The left channel is muted (In software mute, most analog and digital blocks remain active and the speaker amplifier
- - - - - - - 1
outputs transition to a 50/50 duty cycle.)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com