Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760LDAPR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 57Page - Texas Instruments TAS5760LDAPR Datasheet HTML 58Page - Texas Instruments TAS5760LDAPR Datasheet HTML 59Page - Texas Instruments TAS5760LDAPR Datasheet HTML 60Page - Texas Instruments TAS5760LDAPR Datasheet HTML 61Page - Texas Instruments TAS5760LDAPR Datasheet HTML 62Page - Texas Instruments TAS5760LDAPR Datasheet HTML 63Page - Texas Instruments TAS5760LDAPR Datasheet HTML 64Page - Texas Instruments TAS5760LDAPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Layout Guidelines (continued)
12.1.3.2.1
PCB Footprint and Via Arrangement
The PCB footprint (also known as a symbol or land pattern) communicates to the PCB fabrication vendor the
shape and position of the copper patterns to which the TAS5760L device will be soldered to. This footprint can
be followed directly from the guidance in the package addendum at the end of this data sheet. It is important to
make sure that the thermal pad, which connects electrically and thermally to the PowerPAD of the TAS5760L
device, be made no smaller than what is specified in the package addendum. This ensures that the TAS5760L
device has the largest interface possible to move heat from the device to the board. The via pattern shown in the
package addendum provides an improved interface to carry the heat from the device through to the layers of the
PCB, because small diameter plated vias (with minimally-sized annular rings) present a low thermal-impedance
path from the device into the PCB. Once into the PCB, the heat travels away from the device and into the
surrounding structures and air. By increasing the number of vias, as shown in Layout Example, this interface can
benefit from improved thermal performance.
NOTE
Vias can obstruct heat flow if they are not constructed properly.
•
Remove thermal reliefs on thermal vias, because they impede the flow of heat through the via.
•
Vias filled with thermally conductive material are best, but a simple plated via can be used to avoid the
additional cost of filled vias.
•
The drill diameter should be no more than 8mils in diameter. Also, the distance between the via barrel and
the surrounding planes should be minimized to help heat flow from the via into the surrounding copper
material. In all cases, minimum spacing should be determined by the voltages present on the planes
surrounding the via and minimized wherever possible.
•
Vias should be arranged in columns, which extend in a line radially from the heat source to the surrounding
area. This arrangement is shown in the Layout Example section.
•
Ensure that vias do not cut-off power current flow from the power supply through the planes on internal
layers. If needed, remove some vias which are farthest from the TAS5760L device to open up the current
path to and from the device.
12.1.3.2.1.1
Solder Stencil
During the PCB assembly process, a piece of metal called a stencil on top of the PCB and deposits solder paste
on the PCB wherever there is an opening (called an aperture) in the stencil. The stencil determines the quantity
and the location of solder paste that is applied to the PCB in the electronic manufacturing process. In most
cases, the aperture for each of the component pads is almost the same size as the pad itself.
However, the thermal pad on the PCB is quite large and depositing a large, single deposition of solder paste
would lead to manufacturing issues. Instead, the solder is applied to the board in multiple apertures, to allow the
solder paste to outgas during the assembly process and reduce the risk of solder bridging under the device. This
structure is called an aperture array, and is shown in the Layout Example section. It is important that the total
area of the aperture array (the area of all of the small apertures combined) covers between 70% and 80% of the
area of the thermal pad itself.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com