Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760LDAPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 41Page - Texas Instruments TAS5760LDAPR Datasheet HTML 42Page - Texas Instruments TAS5760LDAPR Datasheet HTML 43Page - Texas Instruments TAS5760LDAPR Datasheet HTML 44Page - Texas Instruments TAS5760LDAPR Datasheet HTML 45Page - Texas Instruments TAS5760LDAPR Datasheet HTML 46Page - Texas Instruments TAS5760LDAPR Datasheet HTML 47Page - Texas Instruments TAS5760LDAPR Datasheet HTML 48Page - Texas Instruments TAS5760LDAPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
10.2.2.2.2
Shutdown Procedures- Hardware Control Mode
1. The device is in normal operation
2. Pull SPK_SLEEP/ADR HIGH
3. Pull SPK_SD LOW
4. The clocks can now be stopped and the power supplies brought down
5. The device is now fully shutdown and powered off
10.2.2.2.3
Digital I/O Connectivity
The digital I/O lines of the TAS5760L are described in previous sections. As discussed, whenever a static digital
pin (that is a pin that is hardwired to be HIGH or LOW) is required to be pulled HIGH, it should be connected to
DVDD through a pullup resistor in order to control the slew rate of the voltage presented to the digital I/O pins. It
is not, however, necessary to have a separate pullup resistor for each static digital I/O line. Instead, a single
resistor can be used to tie all static I/O lines HIGH to reduce BOM count. For instance, if Software Control Mode
is desired both the GAIN[1:0] and the PBTL/SCL pins can both be pulled HIGH through a single pullup resistor.
10.2.2.3 Application Curve
Table 12. Relevant Performance Plots
PLOT TITLE
PLOT NUMBER
Figure 1. Output Power vs PVDD
G001
Figure 2. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G024
Figure 4. Idle Channel Noise vs PVDD
G026
Figure 5. THD+N vs Output Power With PVDD = 12 V, Both Channels Driven
G027
Figure 7. Efficiency vs Output Power
G030
Figure 8. Crosstalk vs Frequency
G031
Figure 9. PVDD PSRR vs Frequency
G019
Figure 10. DVDD PSRR vs Frequency
G020
Figure 11. Idle Current Draw vs PVDD (Filterless)
G042
Figure 12. Idle Current Draw vs PVDD (With LC Filter as Shown on the EVM)
G023
Figure 13. Shutdown Current Draw vs PVDD (Filterless)
G022
Figure 14. Output Power vs PVDD
G039
Figure 15. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G002
Figure 17. Idle Channel Noise vs PVDD
G006
Figure 18. THD+N vs Output Power With PVDD = 12 V, Both Channels Driven
G008
Figure 20. Efficiency vs Output Power
G014
Figure 21. Crosstalk vs Frequency
G018
Figure 22. PVDD PSRR vs Frequency
G019
Figure 23. Idle Current Draw vs PVDD (Filterless)
G045
Figure 24. Idle Current Draw vs PVDD (With LC Filter as Shown on EVM)
G044
Figure 25. Shutdown Current Draw vs PVDD (Filterless)
G022
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com