Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760LDAPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 26Page - Texas Instruments TAS5760LDAPR Datasheet HTML 27Page - Texas Instruments TAS5760LDAPR Datasheet HTML 28Page - Texas Instruments TAS5760LDAPR Datasheet HTML 29Page - Texas Instruments TAS5760LDAPR Datasheet HTML 30Page - Texas Instruments TAS5760LDAPR Datasheet HTML 31Page - Texas Instruments TAS5760LDAPR Datasheet HTML 32Page - Texas Instruments TAS5760LDAPR Datasheet HTML 33Page - Texas Instruments TAS5760LDAPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Digital to PWM
Conversion
Digital
Boost
&
Volume
Control
Full Bridge
Power Stage
B
Serial
Audio
Port
Full Bridge
Power Stage
A
Gate
Drives
Gate
Drives
Digital
Clipper
Closed Loop Class D Amplifier
Digital Gain
(GDIG)
Analog Gain
(GANA)
011010..
.
Serial
Audio In
PWM
Audio Out
HPF
Interpolation
Filter
SFT_CLIP
1 2 3 4 5 6
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
9.4.1.7 Speaker Amplifier Gain Select (SPK_GAIN [1:0] Pins)
In Hardware Control Mode, a combination of digital gain and analog gain is used to provide the overall gain of
the speaker amplifier. The decode of the two pins "SPK_GAIN1" and "SPK_GAIN0" sets the gain of the speaker
amplifier. Additionally, pulling both of the SPK_SPK_GAIN[1:0] pins HIGH places the device into software control
mode.
As seen in Figure 42, the audio path of the TAS5760L consists of a digital audio input port, a digital audio path, a
digital to PWM converter (DPC), a gate driver stage, a Class D power stage, and a feedback loop which feeds
the output information back into the DPC block to correct for distortion sensed on the output pins. The total
amplifier gain is comprised of digital gain, shown as GDIG in the digital audio path and the analog gain from the
input of the analog modulator GANA to the output of the speaker amplifier power stage.
Figure 42. Speaker Amplifier Gain Select (SPK_GAIN [1:0] Pins)
As shown in Figure 42, the first gain stage for the speaker amplifier is present in the digital audio path. It consists
of the volume control and the digital boost block. The volume control is set to 0dB by default and, in Hardware
Control mode, it does not change. For all settings of the SPK_GAIN[1:0] pins, the digital boost block remains at
+6 dB as analog gain block is transitioned through 19.2, 22.6, and 25 dBV.
The gain configurations provided in Hardware Control mode were chosen to align with popular power supply
levels found in many consumer electronics and to balance the trade-off between maximum power output before
clipping and noise performance. These gain settings ensure that the output signal can be driven into clipping at
those popular PVDD levels. If the power level required is lower than that which is possible with the PVDD level, a
lower gain setting can be used. Additionally, if clipping at a level lower than the PVDD supply is desired, the
digital clipper or soft clipper can be used.
The values of GDIG and GANA for each of the SPK_GAIN[1:0] settings are shown in the table below. Additionally,
the recommended PVDD level for each gain setting, along with the typical unclipped peak to peak output voltage
swing for a 0dBFS input signal is provided. The peak voltage levels in the table below should only be used to
understand the peak target output voltage swing of the amplifier if it had not been limited by clipping at the PVDD
rail.
Table 5. Gain Structure for Hardware Control Mode
Digital
Recommended
A_GAIN
VPk Acheivable Voltage Swing
PVDD Level
Boost
SPK_GAIN[1:0] Pins Setting
[dBV]
(If output is not clipped at PVDD)
[dB]
12
00
6
19.2
12.90
15
01
6
22.6
19.08
This setting is not
recommended for
This setting is not recommended for voltages
10
6
25
voltages supported
supported by the TAS5760L
by the TAS5760L
-
11
(Gain is controlled via I²C Port)
30
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com