Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 68 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 64Page - STMicroelectronics A6986F3V3 Datasheet HTML 65Page - STMicroelectronics A6986F3V3 Datasheet HTML 66Page - STMicroelectronics A6986F3V3 Datasheet HTML 67Page - STMicroelectronics A6986F3V3 Datasheet HTML 68Page - STMicroelectronics A6986F3V3 Datasheet HTML 69Page - STMicroelectronics A6986F3V3 Datasheet HTML 70Page - STMicroelectronics A6986F3V3 Datasheet HTML 71Page - STMicroelectronics A6986F3V3 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
EMC testing results
A6986F
68/72
DocID027739 Rev 1
Figure 65. CE 150R at SS/INH test point (see Figure 58 on page 64) at 80% ILOAD
Figure 66. CE 150R at SS/INH test point (see Figure 58) at 10% ILOAD
Test results
(continue):
Test case
CE #9 -
Emission
SS_INH /
Iload_VOUT =
1.2A
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0,1
1
10
100
1000
Limit BISS class II local / 8-H (PK)
Limit BISS class III local / 10-K (PK)
PK - SS/INH
AV - SS/INH
[MHz]
[dBµV]
CE - 150 Ohm method - Local Pins
DUT:
Mode:
Iload_Vout = 1.2A
Test case:
Emission SS/INH
A6986F5V
A6986F5V
Test case
CE #8 -
Emission RST/
Iload_VOUT =
150mA
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0,1
1
10
100
1000
Limit BISS class II local / 8-H (PK)
Limit BISS class III local / 10-K (PK)
PK - RST
AV - RST
[MHz]
[dBµV]
CE - 150 Ohm method - Local Pins
DUT:
Mode:
Iload_Vout = 150mA
Test case:
Emission RST
A6986F5V
A6986F5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com