Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 27Page - STMicroelectronics A6986F3V3 Datasheet HTML 28Page - STMicroelectronics A6986F3V3 Datasheet HTML 29Page - STMicroelectronics A6986F3V3 Datasheet HTML 30Page - STMicroelectronics A6986F3V3 Datasheet HTML 31Page - STMicroelectronics A6986F3V3 Datasheet HTML 32Page - STMicroelectronics A6986F3V3 Datasheet HTML 33Page - STMicroelectronics A6986F3V3 Datasheet HTML 34Page - STMicroelectronics A6986F3V3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
DocID027739 Rev 1
31/72
A6986F
Functional description
72
5.6
Switchover feature
The switchover maximizes the efficiency at the light-load that is crucial for LCM applications.
5.6.1
LCM
The LCM operation satisfies the high efficiency requirements of the battery powered
applications. In order to minimize the regulator quiescent current request from the input
voltage, the VBIAS pin can be connected to an external voltage source in the range
3 V < VBIAS < 5.5 V (see Section 5.1: Power supply and voltage reference on page 15).
In case the VBIAS pin is connected to the regulated output voltage (VOUT), the total current
drawn from the input voltage can be calculated as:
Equation 14
where IQ OP VIN, IQ OP VBIAS are defined in Table 5: Electrical characteristics on page 8
and
A6986 is the efficiency of the conversion in the working point.
5.6.2
LNM
Equation 14 is also valid when the device works in LNM and it can increase the efficiency at
the medium load since the regulator always operates in the continuous conduction mode.
5.7
Overcurrent protection
The current protection circuitry features a constant current protection, so the device limits
the maximum peak current (see Table 5) in overcurrent condition.
The A6986F device implements a pulse by pulse current sensing on both power elements
(high-side and low-side switches) for effective current protection over the duty cycle range.
The high-side current sensing is called “peak” the low-side sensing “valley”.
The internal noise generated during the switching activity makes the current sensing
circuitry ineffective for a minimum conduction time of the power element. This time is called
“masking time” because the information from the analog circuitry is masked by the logic to
prevent an erroneous detection of the overcurrent event. As a consequence, the peak
current protection is disabled for a masking time after the high-side switch is turned on, the
valley for a masking time after the low-side switch is turned on. In other words, the peak
current protection can be ineffective at extremely low duty cycles, the valley current
protection at extremely high duty cycles.
The A6986F device assures an effective overcurrent protection sensing the current flowing
in both power elements. In case one of the two current sensing circuitry is ineffective
because of the masking time, the device is protected sensing the current on the opposite
switch. Thus, the combination of the “peak” and “valley” current limits assure the
effectiveness of the overcurrent protection even in extreme duty cycle conditions.
The valley current threshold is designed higher than the peak to guarantee a proper
operation. In case the current diverges because of the high-side masking time, the low-side
power element is turned on until the switch current level drops below the valley current
IQVIN
IQOPVIN
1
A6986
-----------------
VBIAS
VIN
--------------- IQOPVBIAS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com