Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 26 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 22Page - STMicroelectronics A6986F3V3 Datasheet HTML 23Page - STMicroelectronics A6986F3V3 Datasheet HTML 24Page - STMicroelectronics A6986F3V3 Datasheet HTML 25Page - STMicroelectronics A6986F3V3 Datasheet HTML 26Page - STMicroelectronics A6986F3V3 Datasheet HTML 27Page - STMicroelectronics A6986F3V3 Datasheet HTML 28Page - STMicroelectronics A6986F3V3 Datasheet HTML 29Page - STMicroelectronics A6986F3V3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
Functional description
A6986F
26/72
DocID027739 Rev 1
The ISKIP programmability helps to optimize the performance in terms of the output voltage
ripple or efficiency at the light-load, that are parameters which disagree each other by
definition.
A lower skip current level minimizes the voltage ripple but increases the switching activity
(time between bursts gets closer) since less energy per burst is transfered to the output
voltage at the given load. On the other side, a higher skip level reduces the switching activity
and improves the efficiency at the light-load but worsen the voltage ripple.
No difference in terms of the voltage ripple and conversion efficiency for the medium and
high load current level, that is when the device operates in the discontinuous or continuous
mode (DCM vs. CCM).
Figure 14 and Figure 15 report the efficiency measurements to highlight the ISKIPH and
ISKIPL efficiency gap at the light-load also in comparison with the LNM operation (also
called NOSKIP). The same efficiency at the medium / high load is confirmed at different
ISKIP levels.
Figure 14. Light-load efficiency comparison at different ISKIP - linear scale
Figure 15. Light-load efficiency comparison at different ISKIP - log scale
Table 11. ISKIP programmable current threshold
SYNCH / ISKIP (pin 4)
ISKIP current threshold
LOW
ISKIPH = 0.4 A typical
HIGH
ISKIPL = 0.2 A typical
60
65
70
75
80
85
90
95
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
A6986F VIN=13.5 VOUT=5V VBIAS ISKIPL
A6986F VIN=13.5 VOUT=5V NOVBIAS ISKIPL
A6986F VIN=13.5 VOUT=5V NOVBIAS ISKIPH
A6986F VIN=13.5 VOUT=5V VBIAS ISKIPH
A6986F VIN=13.5 VOUT=5V NOVBIAS NOSKIP
A6986F VIN=13.5 VOUT=5V VBIAS NOSKIP
LNM
LCM ISKIPH =200mA
LCM ISKIPH =400mA
30
40
50
60
70
80
90
0.001
0.01
0.1
A6986F VIN=13.5 VOUT=5V VBIAS ISKIPL
A6986F VIN=13.5 VOUT=5V NOVBIAS ISKIPL
A6986F VIN=13.5 VOUT=5V NOVBIAS ISKIPH
A6986F VIN=13.5 VOUT=5V VBIAS ISKIPH
A6986F VIN=13.5 VOUT=5V NOVBIAS NOSKIP
A6986F VIN=13.5 VOUT=5V VBIAS NOSKIP
LNM
LCM IKIPH =200mA
LCM IKIPH =400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com