Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 47 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 43Page - STMicroelectronics A6986F3V3 Datasheet HTML 44Page - STMicroelectronics A6986F3V3 Datasheet HTML 45Page - STMicroelectronics A6986F3V3 Datasheet HTML 46Page - STMicroelectronics A6986F3V3 Datasheet HTML 47Page - STMicroelectronics A6986F3V3 Datasheet HTML 48Page - STMicroelectronics A6986F3V3 Datasheet HTML 49Page - STMicroelectronics A6986F3V3 Datasheet HTML 50Page - STMicroelectronics A6986F3V3 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
DocID027739 Rev 1
47/72
A6986F
Application notes
72
7.5
Synchronization (LNM)
Beating frequency noise is an issue when multiple switching regulators populate the same
application board. The A6986F synchronization circuitry features the same switching
frequency for a set of regulators simply connecting their SYNCH pin together, so preventing
beating noise. The master device provides the synchronization signal to the others since the
SYNCH pin is I/O able to deliver or recognize a frequency signal.
For proper synchronization of multiple regulators, all of them have to be configured with the
same switching frequency (see Table 6 on page 11), so the same resistor connected at the
FSW pin.
In order to minimize the RMS current flowing through the input filter, the A6986F device
provides a phase shift of 180° between the master and the SLAVES. If more than two
devices are synchronized, all slaves will have a common 180° phase shift with respect to
the master.
Considering two synchronized A6986F which regulates the same output voltage
(i.e.: operating with the same duty cycle), the input filter RMS current is optimized and is
calculated as:
Equation 43
The graphical representation of the input RMS current of the input filter in the case of two
devices with 0° phase shift (synchronized to an external signal) or 180° phase shift
(synchronized connecting their SYNCH pins) regulating the same output voltage is provided
in Figure 38. To dimension the proper input capacitor please refer to Section 7.6.1: Input
capacitor selection on page 51.
Figure 38. Input RMS current
IRMS
IOUT
2
------------
2D
1 2D
–

if D < 0.5
IOUT
2
------------
2D 1
–
 22D
–

if D > 0.5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com