Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 24Page - STMicroelectronics A6986F3V3 Datasheet HTML 25Page - STMicroelectronics A6986F3V3 Datasheet HTML 26Page - STMicroelectronics A6986F3V3 Datasheet HTML 27Page - STMicroelectronics A6986F3V3 Datasheet HTML 28Page - STMicroelectronics A6986F3V3 Datasheet HTML 29Page - STMicroelectronics A6986F3V3 Datasheet HTML 30Page - STMicroelectronics A6986F3V3 Datasheet HTML 31Page - STMicroelectronics A6986F3V3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
Functional description
A6986F
28/72
DocID027739 Rev 1
The LCM operation satisfies the requirements of the unswitched car body applications
(KL30). These applications are directly connected to the battery and are operating when the
engine is disabled. The typical load when the car is parked is represented by a CAN
transceiver and a microcontroller in sleep mode (total load is around 20 - 30 µA). As soon as
the transceiver recognizes a valid word in the bus, it awakes the µC and the rest of the
application.
The typical input current request of the module when the car is parked is 100 µA typ. to
prevent the battery discharge over the parking time. In order to minimize the regulator
quiescent current request from the input voltage, the VBIAS pin can be connected to an
external voltage source in the range 3 V < VBIAS < 5.5 V (see Section 5.1: Power supply and
voltage reference on page 15).
In case the VBIAS pin is connected to the regulated output voltage (VOUT), the total current
drawn from the input voltage can be calculated as Equation 14.
Given the energy stored in the inductor during a burst, the voltage ripple depends on the
capacitor value:
Equation 13
Figure 18. LCM operation over loading condition (part 1)
VOUT RIPPLE
Q
IL
COUT
--------------
iL t dt

0
TBURST
COUT
--------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com