Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 50 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 46Page - STMicroelectronics A6986F3V3 Datasheet HTML 47Page - STMicroelectronics A6986F3V3 Datasheet HTML 48Page - STMicroelectronics A6986F3V3 Datasheet HTML 49Page - STMicroelectronics A6986F3V3 Datasheet HTML 50Page - STMicroelectronics A6986F3V3 Datasheet HTML 51Page - STMicroelectronics A6986F3V3 Datasheet HTML 52Page - STMicroelectronics A6986F3V3 Datasheet HTML 53Page - STMicroelectronics A6986F3V3 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
Application notes
A6986F
50/72
DocID027739 Rev 1
frequency higher than the maximum oscillator spread (refer to Table 6 on page 11) for at
least 10 internal clock cycles.
For example: selecting RFSW = 0 to GND
the device enters in slave mode after 10 pulses at frequency higher than 550 kHz and so it
is able to synchronize to a clock signal in the range 275 kHz - 2 MHz (see Figure 41).
Anyway it is suggested to limit the frequency range within ± 20% FSW resistor nominal
frequency (see details in text below). If not spread spectrum is required, all the regulators
synchronize to a frequency higher to the maximum oscillator spread (550 kHz in the
example).
The device keeps operating in slave mode as far as the master is able to drive the SYNCH
pin faster than 275 kHz (maximum oscillator spread for 250 kHz oscillator), otherwise it goes
back into MASTER mode at the nominal oscillator frequency after successfully driving one
pulse at 250 kHz (see Figure 43) in the SYNCH line.
Figure 43. Slave to master mode transition
The external master can force a latched SLAVE mode driving the SYNCH pin low at power-
up, before the soft-start starts the switching activity. So the oscillator frequency is 250 kHz
typ. fixed until a new UVLO event is triggered regardless FSW resistor value, that otherwise
counts to design the slope compensation. The same considerations above are also valid.
Table 12. Example of oscillator frequency selection from Table 6
Symbol
RVCC (E24 series)
RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0
450
500
550
250kHz typ.
SLAVE mode
stand alone operation at nominal fsw
SYNCH signal
switching node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com