Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F3V3 Datasheet(PDF) 34 Page - STMicroelectronics

Part # A6986F3V3
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F3V3 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button A6986F3V3 Datasheet HTML 30Page - STMicroelectronics A6986F3V3 Datasheet HTML 31Page - STMicroelectronics A6986F3V3 Datasheet HTML 32Page - STMicroelectronics A6986F3V3 Datasheet HTML 33Page - STMicroelectronics A6986F3V3 Datasheet HTML 34Page - STMicroelectronics A6986F3V3 Datasheet HTML 35Page - STMicroelectronics A6986F3V3 Datasheet HTML 36Page - STMicroelectronics A6986F3V3 Datasheet HTML 37Page - STMicroelectronics A6986F3V3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Functional description
A6986F
34/72
DocID027739 Rev 1
Figure 25. Output voltage oscillations during heavy short-circuit
Figure 26. Zoomed waveform
The VBIAS pin absolute maximum ratings (see Table 2: Absolute maximum ratings on
page 6) must be satisfied over the different dynamic conditions.
If the VBIAS is connected to GND there are no issues (see Figure 25 and Figure 26).
short-circuit current
regulated output voltage
inductor current
switching node
regulated output voltage
inductor current
short-circuit current
switching node
short-circuit current
regulated output voltage
inductor current
switching node
regulated output voltage
inductor current
short-circuit current
switching node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com