Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 10Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PE35400
Divide-by-4 Prescaler
DOC-64872-2 – (10/2015)
Page 7
www.psemi.com
Figure 6 • Output Power vs VDD
RBIAS Max
= 56 kΩ
RBIAS Min
= 5.6 kΩ
0
1
2
3
4
5
6
7
8
9
10
2
3
4
5
6
7
8
9
10
11
12
13
14
Input Frequency (GHz)
Output power @ 2.65V
Output power @ 2.8V
Output power @ 2.95V
2
14
Figure 7 • Output Power vs Temperature
RBIAS Max
= 56 kΩ
RBIAS Min
= 5.6 kΩ
0
1
2
3
4
5
6
7
8
9
10
2
3
4
6
7
8
9
10
11
12
13
14
Output power @ -40 °C
Output power @ +25 °C
Output power @ +85 °C
Input Frequency (GHz)
2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com