Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE35400A-G Datasheet HTML 1Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 2Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PE35400
Divide-by-4 Prescaler
DOC-64872-2 – (10/2015)
Page 5
www.psemi.com
Typical Performance Data
Figure 3 through Figure 11 show the typical performance data @ +25 °C, VDD = 2.8V (ZS = ZL = 50Ω), based on
optimal RBIAS as shown in Figure 3, unless otherwise specified.
Figure 3 • Frequency vs RBIAS
0
2
4
6
8
10
12
14
16
5.6
8.2
12
18
27
39
56
Lower Freq Limit (PIN = 0 dBm)
Upper Freq Limit (PIN = 0 dBm)
Optimal Level
Lower Freq Limit (PIN = -7 dBm)
Upper Freq Limit (PIN = -7 dBm)
RBIAS (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com