Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE35400A-G Datasheet HTML 2Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PE35400
Divide-by-4 Prescaler
Page 6
DOC-64872-2 – (10/2015)
www.psemi.com
Figure 4 • Input Power Sensitivity
-25
-20
-15
-10
-5
0
5
10
123456789
10
11
12
13
14
15
Input Frequency (GHz)
Min PIN
Max PIN
RBIAS = 56 kΩ
Recommended input power
operating region
RBIAS = 5.6 kΩ
4.5 GHz
11.5 GHz
Figure 5 • Input Power Sensitivity vs Temperature
-25
-20
-15
-10
-5
0
5
10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Input Frequency (GHz)
Min PIN -40 °C
Min PIN +25 °C
Min PIN +85 °C
Max PIN -40 °C
Max PIN +25 °C
Max PIN +85 °C
RBIAS = 56 kΩ
RBIAS = 5.6 kΩ
4.5 GHz
11.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com