Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE35400A-G Datasheet HTML 1Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 2Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PE35400
Divide-by-4 Prescaler
Page 4
DOC-64872-2 – (10/2015)
www.psemi.com
Device Functional Considerations
The PE35400 divides a 3.0–13.5 GHz input signal by four, producing a 750 MHz to 3.375 GHz output signal. In
order for the prescaler to work properly, several conditions need to be adhered to. It is crucial that VBYPS and VDD
are supplied with bypass capacitors to ground. In addition, the output signal RFOUT needs to be AC coupled via
an external capacitor, as shown in Figure 2. The input frequency range is selected by the value of RBIAS
according to Figure 3. The ground pattern on the board should be made as wide as possible to minimize ground
impedance.
Figure 2 • Circuit Block Diagram for PE35400(*)
Note: * For optimal performance, the following bond wire configuration is recommended. VBYPS: 2 bond wires per pad. RFIN: 1 bond wire. GND: 3
bond wires per pad. RFOUT: 2 bond wires. VDD: 2 bond wires. RBIAS: 1 bond wire.
RBIAS
RBIAS
10 pF
10 pF
6.8 pF
50Ω
50Ω
0.01 μF
0.01 μF
10 pF
VBYPS
GND
Transmission
Line
Transmission
Line
Die ID
VDD
RFIN
RFOUT
GND
VDD
VBYPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com