Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE35400A-G Datasheet HTML 1Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 2Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PE35400
Divide-by-4 Prescaler
DOC-64872-2 – (10/2015)
Page 3
www.psemi.com
Electrical Specifications
Table 3 provides the PE35400 key electrical specifications @ +25 °C, VDD = 2.8V (ZS = ZL = 50Ω), unless
otherwise specified.
Table 3 • PE35400 Electrical Specifications(*)
Parameter
Condition
Min
Typ
Max
Unit
Operating frequency, FIN
3.0 GHz
13.5 GHz As shown
Input power sensitivity
FIN = 3–4.5 GHz
–5
> –7
dBm
FIN = >4.5–11.5 GHz
–15
> –20
dBm
FIN = >11.5–13.5 GHz
–1
> –7
dBm
Output power
0.75–3.375 GHz output frequency range
0
5
dBm
Reverse leakage
FIN = 3–13.5 GHz, PIN = 0 dBm
–45
dBm
SSB phase noise
3.025 GHz output frequency @ 100 kHz offset, PIN = 0 dBm
–135
dBc/Hz
Supply current, IDD
FIN = 8 GHz
16
mA
Note: * All values in Min/Max columns are guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com