Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE35400A-G Datasheet HTML 1Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 2Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PE35400
Document Category: Product Specification
UltraCMOS® Divide-by-4 Prescaler, 3–13.5 GHz
©2015, Peregrine Semiconductor Corporation. All rights reserved. • Headquarters: 9380 Carroll Park Drive, San Diego, CA, 92121
Product Specification
DOC-64872-2 – (10/2015)
www.psemi.com
Features
• High frequency support up to 13.5 GHz
• Low SSB phase noise of –135 dBc/Hz @
3.025 GHz output frequency
• Low supply current of 16 mA
• Bare die
Applications
• Wireless communication
• Test and measurement
• Phased array radar
Product Description
The PE35400 is a high-performance UltraCMOS® prescaler with a fixed divide ratio of 4. It supports an operating
frequency range from 3–13.5 GHz. It operates on a single voltage supply with a frequency-selecting bias resistor
and draws a low current of 16 mA. The PE35400 is available in bare die.
The PE35400 is manufactured on Peregrine’s UltraCMOS process, a patented variation of silicon-on-insulator
(SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of
conventional CMOS.
Figure 1 • PE35400 Functional Diagram
DQ
Q
DQ
Q


Similar Part No. - PE35400A-G

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35404 PASTERNACK-PE35404 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-12 PASTERNACK-PE35404-12 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-24 PASTERNACK-PE35404-24 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-36 PASTERNACK-PE35404-36 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404-48 PASTERNACK-PE35404-48 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
More results

Similar Description - PE35400A-G

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
3.5 GHz Low Power CMOS Divide-by-4 Prescaler
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE9309 PEREGRINE-PE9309 Datasheet
218Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE9309 PSEMI-PE9309 Datasheet
221Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com