Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE35400A-G Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE35400A-G
Description  UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE35400A-G Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE35400A-G Datasheet HTML 1Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 2Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 3Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 4Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 5Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 6Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 7Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 8Page - Peregrine Semiconductor PE35400A-G Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PE35400
Divide-by-4 Prescaler
Page 2
DOC-64872-2 – (10/2015)
www.psemi.com
Absolute Maximum Ratings
Exceeding absolute maximum ratings listed in Table 1 may cause permanent damage. Operation should be
restricted to the limits in Table 2. Operation between operating range maximum and absolute maximum for
extended periods may reduce reliability.
ESD Precautions
When handling this UltraCMOS device, observe the same precautions as with any other ESD-sensitive devices.
Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to
avoid exceeding the rating specified in Table 1.
Latch-up Immunity
Unlike conventional CMOS devices, UltraCMOS devices are immune to latch-up.
Recommended Operating Conditions
Table 2 lists the recommending operating conditions for the PE35400. Devices should not be operated outside
the recommended operating conditions listed below.
Table 1 • Absolute Maximum Ratings for PE35400
Parameter/Condition
Min
Max
Unit
Supply voltage, VDD
–0.3
3.3
V
Input power, 50Ω
+14
dBm
Storage temperature range
–65
+150
°C
ESD voltage HBM, all pins(*)
250
V
Note: * Human body model (MIL-STD 883 Method 3015).
Table 2 • Recommended Operating Conditions for PE35400
Parameter
Min
Typ
Max
Unit
Supply voltage, VDD
2.65
2.8
2.95
V
Input power, 50Ω, based on optimal RBIAS (see Figure 3), PIN
+7
dBm
Operating temperature range
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com