Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 145 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 145 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 141Page - Lumberg ASBS4-LED5-4 Datasheet HTML 142Page - Lumberg ASBS4-LED5-4 Datasheet HTML 143Page - Lumberg ASBS4-LED5-4 Datasheet HTML 144Page - Lumberg ASBS4-LED5-4 Datasheet HTML 145Page - Lumberg ASBS4-LED5-4 Datasheet HTML 146Page - Lumberg ASBS4-LED5-4 Datasheet HTML 147Page - Lumberg ASBS4-LED5-4 Datasheet HTML 148Page - Lumberg ASBS4-LED5-4 Datasheet HTML 149Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
145
electrical apparatus or the terminals on the apparatus
to which a signal or power is applied.
Insertion Force
The force required to insert a contact into the mating
contact.
Insulation
A material having good dielectric properties that is
used to separate close electrical components, such
as cable conductors and circuit components.
Insulation Resistance
The resistance measured in Ohms at a designated
voltage between two or more conductors separated
by the insulation whose resistance is being
measured.
IP (Ingress Protection)
Rating of protection.
IP65
Dust tight. An environmental protection for a type of
enclosure - according to the German Standard DIN
40050. Provides protection against water spray from
all directions at 43 PSI through a 12mm nozzle.
IP67
Protected against the effects of temporary immersion
in water (30 minutes – depth of 1 meter).
IP68
Protected against the effects of continuous
immersion in water at a pressure specified by the
manufacturer. Lumberg’s requirement is 10 Bar (143
PSI) at 24 hours.
Irradiation
Relating to a cable jacket where the material is
exposed to high-energy emissions for the purpose of
cross-linking the molecular structure.
IRS (Ignition Radiation Suppression)
ISO (International Standards Organization)
J
Jacket
A rubber or plastic covering applied over the primary
insulation, braids, shields, and cable components.
K
KPSI
Tensile strength expressed in thousands of pounds
per square inch.
KV (Kilovolt)
The measurement of Kilovolt=1000 volts
KVA (Kilovolt ampere)
KW (Kilowatt)
L
LED (Light Emitting Diode)
A solid-state device, which emits light when current,
passes through it.
LF (Low Frequency)
Line Voltage
The value of the potential existing on a supply or
power line.
Load
A device that consumes power from a source and
uses that power to perform a function.
M
M (Mutual Inductance)
The alpha character for Mutual Inductance.
mA (Mill Ampere)
One thousandth of an ampere.
MATV (Master Antenna Television)
MF (Microfarad)
One millionth of a farad.
MH (Megahertz)
A unit of frequency equal to one million hertz.
Moisture Resistance
The ability of a material to resist absorbing moisture
from the air or from water when immersed.
Molded Plug
A connector over molded onto either end of a cord
or cable.
MOV (Metal Oxide Varistor)
A solid-state device used to suppress voltage
surges/spikes.
MSHA (Mine Safety and Health Administration)
Multibox
Sometimes referred to as Distribution or Junction Box
- designed to distribute a signal to multiple locations.
mV (Millivolt)
One thousandth of a volt.
mW (Millwatt)
One thousandth of a watt.
Mylar
The DuPont trademark for polyester film.
N
NA (Numerical Aperture)
A measure of the angular acceptance for a fiber.
National Electrical Code (NEC)
A set of regulations governing construction and
installation of electrical wiring and apparatus in the
United States, established by the American National
Board of Fire Underwriters.
NEMA (National Electrical Manufacturers
Association)
– sets the standards for industrial
control equipment.
NEMA 4
Intended for indoor or outdoor use primarily to
provide a degree of protection against windblown
dust and rain, splashing water and hose directed
water.
NEMA 6
Intended for indoor or outdoor use primarily to
provide a degree of protection against entry of water
during occasional temporary submersion at a limited
depth.
NEMA 6P
Intended for indoor or outdoor use primarily to
provide a degree of protection against entry of water
during occasional temporary submersion at a limited
depth. (Requirement; 6 ft. of water for 24 hours).
Neoprene
Is a synthetic rubber with good resistance to
oil, chemical and flame. Also referred to as
polychloroprene.
Nitrile (Buna)
This is a rubber like manmade material used
extensively in gasket and sealing applications.
Nm (Nanometer)
One billionth (10-9) of a meter.
Noise
In a cable or circuit, any extraneous electrical signal
that tends to interfere with the signal normally
present in or passing through the system.
Normally Closed
The state of the output or switch is ON with no
external influence.
Normally Open
The state of the output or switch is OFF with no
external influence NPN (Sinking) Acronym used
to describe the polarization of a bipolar junction
transistor (BJTs). Also associated with a sinking
output.
References
Glossary of Terms
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com