Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 149 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 149 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 145Page - Lumberg ASBS4-LED5-4 Datasheet HTML 146Page - Lumberg ASBS4-LED5-4 Datasheet HTML 147Page - Lumberg ASBS4-LED5-4 Datasheet HTML 148Page - Lumberg ASBS4-LED5-4 Datasheet HTML 149Page - Lumberg ASBS4-LED5-4 Datasheet HTML 150Page - Lumberg ASBS4-LED5-4 Datasheet HTML 151Page - Lumberg ASBS4-LED5-4 Datasheet HTML 152Page - Lumberg ASBS4-LED5-4 Datasheet HTML 153Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
149
References
Cable Index and Connector Key/Pin Configurations
IEC Color Code-M8 Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket
Color
Outside Diameter
UL
CSA
3
06
224
357
1 = brown
2 = blue
3 = black
3 x 0.34mm2
3 x 0.34mm2
PVC
PUR, Halogen-Free
Orange
Black
.197” / Ø 5.0mm
.185” / Ø 4.7mm
AWM 2464
AWM 21198
AWM 20233
AWM I/II A/B
AWM I/II A/B
AWM I/II A/B
4
07
225
358
1 = brown
2 = white
3 = blue
4 = black
4 x 0.25mm2
4 x 0.34mm2
4 x 0.25mm2
PVC
PUR, Halogen-Free
PUR, Halogen-Free
Orange
Black
Grey
.197” / Ø 5.0mm
.181” / Ø 4.6mm
.205” / Ø 5.2mm
AWM 2464
AWM 21198
AWM 20233
AWM I/II A/B
AWM I/II A/B
AWM I/II A/B
8
354
1 = white
2 = brown
3 = green
4 = yellow
5 = grey
6 = pink
7 = blue
8 = red
8 x 0.14mm2
PUR, Halogen-Free
Black
.197” / Ø 5.0mm
AWM 21198
AWM I/II A/B
5
4
3
8
6
7
1
2
5
4
3
8
6
7
1
2
5
6
7
8
5
6
7
8
5
6
7
8
IEC Color Code-M12 Micro Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket
Color
Outside Diameter
UL
CSA
3
06
224
226
260
645
610
1 = brown
2 = n.c
3 = blue
4 = black
3 x 0.34mm2
3 x 0.34mm2
3 x 0.50mm2
3 x 0.34mm2
3 x 0.75mm2
3 x 0.34mm2
PVC
PUR, Halogen-Free
PUR, Halogen-Free
PUR, Halogen-Free,
Weld Spark Proof
PUR
PUR
Orange
Black
Black
Orange
Yellow
Yellow
.197” / Ø 5.0mm
.169” / Ø 4.3mm
.181” / Ø 4.6mm
.177” / Ø 4.5mm
.220” / Ø 5.6mm
.190” / Ø 4.8mm
AWM 21198
AWM 21198
AWM 21198
AWM 20233
AWM 20233
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
4
07
182
225
251
265
288
602
637
643
679
1 = brown
2 = white
3 = blue
4 = black
4 x 0.25mm2
4 x 0.34mm2
4 x 0.34mm2
4 x 0.34mm2
4 x 0.34mm2
4 x 0.34mm2
4 x 0.75mm2
18 AWG
22 AWG
4 x 0.34mm2
PVC
PVC, Shielded
PUR, Halogen-Free
PUR, Halogen-Free,
Weld Spark Proof
PUR, Halogen-Free
PVC, Shielded
PUR
TPE
TPE
PUR
Orange
Orange
Black
Orange
Grey
Black
Yellow
Yellow
Yellow
Yellow
.197” / Ø 5.0mm
.217” / Ø 5.5mm
.185” / Ø 4.7mm
.185” / Ø 4.7mm
.185” / Ø 4.7mm
.217” / Ø 5.5mm
.230” / Ø 5.8mm
.280” / Ø 7.1mm
.246” / Ø 6.2mm
.190” / Ø 4.8mm
AWM 2464
AWM 21198
AWM 21198
AWM 21198
AWM 20233
AWM 20327
PLTC
AWM 20233
AWM I/II A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
5
183
228
298
644
1 = brown
2 = white
3 = blue
4 = black
5 = grey
5 x 0.34mm2
5 x 0.50mm2
5 x 0.34mm2
5 x 0.34mm2
PVC
PUR, Halogen-Free
PUR, Halogen-Free,
Shielded
PUR
Orange
Black
Black
Yellow
.260” / Ø 6.6mm
.213” / Ø 5.4mm
.236” / Ø 6.0mm
.210” / Ø 5.3mm
AWM 21198
AWM 21198
AWM 20233
Class I/II, A/B
Class I/II, A/B
Class I/II, A/B
6
337
268
1 = white
2 = green
3 = yellow
4 = grey
5 = brown
6 = n.c.
7 = blue
8 = n.c.
6 x 0.34mm2
6 x 0.34mm2
PUR, Halogen-Free
PUR, Halogen-Free,
Weld Spark Proof
Black
Orange
.236” / Ø 6.0mm
.236” / Ø 6.0mm
AWM 21198
AWM 21198
Class I/II, A/B
Class I/II, A/B
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com