Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 154 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 154 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 150Page - Lumberg ASBS4-LED5-4 Datasheet HTML 151Page - Lumberg ASBS4-LED5-4 Datasheet HTML 152Page - Lumberg ASBS4-LED5-4 Datasheet HTML 153Page - Lumberg ASBS4-LED5-4 Datasheet HTML 154Page - Lumberg ASBS4-LED5-4 Datasheet HTML 155Page - Lumberg ASBS4-LED5-4 Datasheet HTML 156Page - Lumberg ASBS4-LED5-4 Datasheet HTML 157Page - Lumberg ASBS4-LED5-4 Datasheet HTML 158Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
154
References
Cable Index and Connector Key/Pin Configurations
IEC Color Code-Mini-C-Body (7/8”) Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge Material Voltage
Rating
Jacket
Color
Outside
Diameter
Temperature
Rating
UL
CSA
12
728
1 = black
2 = red
3 = pink
4 = grey
5 = yellow
6 = green
7 = white
8 = violet
9 = green/yellow
10 = blue
11 = n.c.
12 = brown
18
TPE
600 V
Yellow
.596”
-50°C to +90°C
SEOOW
STOOW
IEC Color Code-M23 Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket
Color
Outside Diameter UL
CSA
12
256
1 = white
2 = green
3 = yellow
4 = grey
5 = grey/pink
6 = red/blue
7 = white/green
8 = brown/green
9 = blue
10 = blue
11 = brown
12 = green/yellow
8 x 0.50mm2
3 x 1.00mm2
PUR, Halogen-Free
Black
.366” / Ø 9.3mm
AWM 21198
AWM I/II A/B
19
242
6 = blue
12 = yellow/green
19 = brown
1 = violet
2 = red
3 = grey
4 = red/blue
5 = green
7 = grey/pink
8 = white/green
9 = white/yellow
10 = white grey
11 = black
13 = yellow/brown
14 = brown/green
15 = white
16 = yellow
17 = pink
18 = grey/brown
3 x 1.00mm2
16 x 0.50mm2
PUR, Halogen-Free
Black
.457” / Ø 11.6mm AWM 21198
AWM I/II A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com