Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 155 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 155 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 151Page - Lumberg ASBS4-LED5-4 Datasheet HTML 152Page - Lumberg ASBS4-LED5-4 Datasheet HTML 153Page - Lumberg ASBS4-LED5-4 Datasheet HTML 154Page - Lumberg ASBS4-LED5-4 Datasheet HTML 155Page - Lumberg ASBS4-LED5-4 Datasheet HTML 156Page - Lumberg ASBS4-LED5-4 Datasheet HTML 157Page - Lumberg ASBS4-LED5-4 Datasheet HTML 158Page - Lumberg ASBS4-LED5-4 Datasheet HTML 159Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
155
Fieldbus Color-Code-Profibus
Cable No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket Color
Outside Diameter
UL
CSA
254
green
red
2 x 0.38 mm2
PUR, Halogen-Free
Violet
.299” / Ø 7.6 mm
AWM 20549
AWM I/II A/B
202
black
blue
green/yellow
green
red
3 x 0.75 mm2
1 x 2 x 0.34 mm2
red/green Stranded in Pairs
PUR, Halogen-Free
Violet
.433” / Ø 11.0 mm
References
Cable Index and Connector Key/Pin Configurations
IEC Color Code-DIN Valve Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Gauge
Material
Jacket
Color
Outside Diameter
UL
CSA
3
205
212
226
241
1 = brown
2 = blue
3 = green/yellow
3 x 0.75mm2
3 x 0.50mm2
3 x 0.50mm2
3 x 0.50mm2
PVC
PVC
PUR, Halogen-Free
PUR, Halogen-Free,
Welding Spark Proof
Black
Black
Black
Orange
.217” / Ø 5.5 mm
.197” / Ø 5.0 mm
.181” / Ø 4.6 mm
.197” / Ø 5.0 mm
AWM 21198
AWM I/II A/B
5
228
259
1 = brown
2 = white
3 = blue
4 = black
5 = green/yellow
5 x 0.50mm2
5 x 0.50mm2
PUR, Halogen-Free
PUR, Halogen-Free,
Welding Spark Proof
Black
Orange
.213” / Ø 5.4mm
.217” / Ø 5.5 mm
AWM 21198
AWM 21198
AWM I/II A/B
AWM I/II A/B
Fieldbus Color-Code-AS-Interface
Cable No.
Pin/Wire Color
Code
Gauge
Material
Jacket Color
Outside
Diameter
41
97
98
145
146
1 = brown
2 = blue
2 x 1.50 mm2
2 x 1.50 mm2
2 x 1.50 mm2
2 x 1.50 mm2
2 x 1.50 mm2
PUR/PVC
Rubber
Rubber
TPE
TPE
Orange
Yellow
Black
Black
Yellow
.284” / Ø
7.2 mm
Flat Cabel
Flat Cable
Flat Cable
Flat Cable
Profibus Wiring/Pin Digram
Connection M12
Signal
M12 Male to Female,
5-Pole
Function
Color
Male
Female
Shield
+24 V DC
0 V
CAN_H
CAN_L
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
n.c.
Line A
n.c.
Line B
n.c.
-
green
-
red
-
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com