Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 63 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 59Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 60Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 61Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 62Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 63Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 64Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 65Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 66Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 147 page
background image
Peripherals
63
June 2004
SPRS257
4.4
Enhanced Controller Area Network (eCAN) Module
The CAN module has the following features:
•
Fully compliant with CAN protocol, version 2.0B
•
Supports data rates up to 1 Mbps
•
Thirty-two mailboxes, each with the following properties:
−
Configurable as receive or transmit
−
Configurable with standard or extended identifier
−
Has a programmable receive mask
−
Supports data and remote frame
−
Composed of 0 to 8 bytes of data
−
Uses a 32-bit time stamp on receive and transmit message
−
Protects against reception of new message
−
Holds the dynamically programmable priority of transmit message
−
Employs a programmable interrupt scheme with two interrupt levels
−
Employs a programmable alarm on transmission or reception time-out
•
Low-power mode
•
Programmable wake-up on bus activity
•
Automatic reply to a remote request message
•
Automatic retransmission of a frame in case of loss of arbitration or error
•
32-bit local network time counter synchronized by a specific message (communication in conjunction with
mailbox 16)
•
Self-test mode
−
Operates in a loopback mode receiving its own message. A “dummy” acknowledge is provided,
thereby eliminating the need for another node to provide the acknowledge bit.
NOTE: For a SYSCLKOUT of 150 MHz, the smallest bit rate possible is 23.4 kbps.
The 28x CAN has passed the conformance test per ISO/DIS 16845. Contact TI for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com