Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 9Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 10Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 11Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 12Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 13Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 14Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 15Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 16Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
Introduction
13
June 2004
SPRS257
2.2
Device Summary
Table 2−1 provides a summary of each device’s features.
Table 2−1. Hardware Features†
FEATURE
R2811
R2812
Instruction Cycle (at 150 MHz)
6.67 ns
6.67 ns
Single-Access RAM (SARAM)
(16-bit word)
20K
20K
Boot ROM
Yes
Yes
External Memory Interface
—
Yes
Event Managers A and B
(EVA and EVB)
EVA, EVB
EVA, EVB
S General-Purpose (GP) Timers
4
4
S Compare (CMP)/PWM
16
16
S Capture (CAP)/QEP Channels
6/2
6/2
Watchdog Timer
Yes
Yes
12-Bit ADC
Yes
Yes
S Channels
16
16
32-Bit CPU Timers
3
3
SPI
Yes
Yes
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
CAN
Yes
Yes
McBSP
Yes
Yes
Digital I/O Pins (Shared)
56
56
External Interrupts
3
3
Supply Voltage
1.8-V Core, (135 MHz) 1.9-V Core (150 MHz), 3.3-V I/O
Packaging
128-pin PBK
179-ball GHH
179-ball ZHH
176-pin PGF
Temperature Options†
A: −40°C to 85°C
Yes
Yes
Temperature Options†
S/Q: −40°C to 125°C
Yes
Yes
Product Status‡
TMX
TMX
† The S temperature option has been replaced by the Q temperature option (40°C to 125°C) from silicon revision E onwards. Q stands for
−40°C to 125°C Q100 automotive fault grading.
‡ See Section 5.1, Device and Development Support Nomenclature for descriptions of TMS and TMX stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com