Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 13Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 14Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 15Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 16Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 17Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 18Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 19Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 20Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 147 page
background image
Introduction
17
June 2004
SPRS257
2.4
Signal Descriptions
Table 2−2 specifies the signals on the R281x devices. All digital inputs are TTL-compatible. All outputs are
3.3 V with CMOS levels. Inputs are not 5-V tolerant. A 100-µA (or 20-µA) pullup/pulldown is used.
Table 2−2. Signal Descriptions†
PIN NO.
NAME
179-PIN
GHH
AND
ZHH
176-PIN
PGF
128-PIN
PBK
I/O/Z‡
PU/PD§
DESCRIPTION
XINTF SIGNALS (2812 ONLY)
XA[18]
D7
158
−
O/Z
−
XA[17]
B7
156
−
O/Z
−
XA[16]
A8
152
−
O/Z
−
XA[15]
B9
148
−
O/Z
−
XA[14]
A10
144
−
O/Z
−
XA[13]
E10
141
−
O/Z
−
XA[12]
C11
138
−
O/Z
−
XA[11]
A14
132
−
O/Z
XA[10]
C12
130
−
O/Z
−
XA[9]
D14
125
−
O/Z
−
19-bit XINTF Address Bus
XA[8]
E12
121
−
O/Z
−
19 bit XINTF Address Bus
XA[7]
F12
118
−
O/Z
−
XA[6]
G14
111
−
O/Z
−
XA[5]
H13
108
−
O/Z
−
XA[4]
J12
103
−
O/Z
−
XA[3]
M11
85
−
O/Z
−
XA[2]
N10
80
−
O/Z
−
XA[1]
M2
43
−
O/Z
−
XA[0]
G5
18
−
O/Z
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com