Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 73 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 69Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 70Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 71Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 72Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 73Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 74Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 75Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 76Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 147 page
background image
Peripherals
73
June 2004
SPRS257
The SCI port operation is configured and controlled by the registers listed in Table 4−8 and Table 4−9.
Table 4−8. SCI-A Registers†
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRA
0x00 7050
1
SCI-A Communications Control Register
SCICTL1A
0x00 7051
1
SCI-A Control Register 1
SCIHBAUDA
0x00 7052
1
SCI-A Baud Register, High Bits
SCILBAUDA
0x00 7053
1
SCI-A Baud Register, Low Bits
SCICTL2A
0x00 7054
1
SCI-A Control Register 2
SCIRXSTA
0x00 7055
1
SCI-A Receive Status Register
SCIRXEMUA
0x00 7056
1
SCI-A Receive Emulation Data Buffer Register
SCIRXBUFA
0x00 7057
1
SCI-A Receive Data Buffer Register
SCITXBUFA
0x00 7059
1
SCI-A Transmit Data Buffer Register
SCIFFTXA
0x00 705A
1
SCI-A FIFO Transmit Register
SCIFFRXA
0x00 705B
1
SCI-A FIFO Receive Register
SCIFFCTA
0x00 705C
1
SCI-A FIFO Control Register
SCIPRIA
0x00 705F
1
SCI-A Priority Control Register
† Shaded registers are new registers for the FIFO mode.
Table 4−9. SCI-B Registers†‡
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRB
0x00 7750
1
SCI-B Communications Control Register
SCICTL1B
0x00 7751
1
SCI-B Control Register 1
SCIHBAUDB
0x00 7752
1
SCI-B Baud Register, High Bits
SCILBAUDB
0x00 7753
1
SCI-B Baud Register, Low Bits
SCICTL2B
0x00 7754
1
SCI-B Control Register 2
SCIRXSTB
0x00 7755
1
SCI-B Receive Status Register
SCIRXEMUB
0x00 7756
1
SCI-B Receive Emulation Data Buffer Register
SCIRXBUFB
0x00 7757
1
SCI-B Receive Data Buffer Register
SCITXBUFB
0x00 7759
1
SCI-B Transmit Data Buffer Register
SCIFFTXB
0x00 775A
1
SCI-B FIFO Transmit Register
SCIFFRXB
0x00 775B
1
SCI-B FIFO Receive Register
SCIFFCTB
0x00 775C
1
SCI-B FIFO Control Register
SCIPRIB
0x00 775F
1
SCI-B Priority Control Register
† Shaded registers are new registers for the FIFO mode.
‡ Registers in this table are mapped to peripheral bus 16 space. This space only allows 16-bit accesses. 32-bit accesses produce undefined results.
4.7
Serial Peripheral Interface (SPI) Module
R281x devices include the four-pin serial peripheral interface (SPI) module. The SPI is a high-speed,
synchronous serial I/O port that allows a serial bit stream of programmed length (one to sixteen bits) to be
shifted into and out of the device at a programmable bit-transfer rate. Normally, the SPI is used for
communications between the DSP controller and external peripherals or another processor. Typical
applications include external I/O or peripheral expansion through devices such as shift registers, display
drivers, and ADCs. Multidevice communications are supported by the master/slave operation of the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com