Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 87 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 83Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 84Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 85Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 86Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 87Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 88Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 89Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 90Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 147 page
background image
Electrical Specifications
87
June 2004
SPRS257
6.5
Current Consumption Graphs
0 5
15
30
45
60
75
90
105
120
135
150
SYSCLOCKOUT (MHz)
0
30
60
90
120
150
180
210
240
IDD
IDDIO
IDDA
Total
Figure 6−1. R2812/R2811 Typical Current Consumption (With Peripheral Clocks Enabled)
6.6
Reducing Current Consumption
28x DSPs incorporate a unique method to reduce the device current consumption. A reduction in current
consumption can be achieved by turning off the clock to any peripheral module which is not used in a given
application. Table 6−1 indicates the typical reduction in current consumption achieved by turning off the clocks
to various peripherals.
Table 6−1. Typical Current Consumption by Various Peripherals (at 150 MHz)†
PERIPHERAL MODULE
IDD CURRENT REDUCTION (mA)
eCAN
12
EVA
6
EVB
6
ADC
8‡
SCI
4
SPI
5
McBSP
13
† All peripheral clocks are disabled upon reset. Writing to/reading from peripheral registers is possible only after the peripheral clocks
are turned on.
‡ This number represents the current drawn by the digital portion of the ADC module. Turning off the clock to the ADC module results in the
elimination of the current drawn by the analog portion of the ADC (ICCA) as well.
6.7
Power Sequencing Requirements
Power sequencing is not required on the R281x devices. In other words, 3.3-V and 1.8-V (or 1.9-V) can ramp
together. R281x can also be used on boards that have F281x power sequencing implemented; however, if
the 1.8-V (or 1.9-V) rail lags the 3.3-V rail, the GPIO pins are undefined until the 1.8-V rail reaches at least
1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com