Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 94 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 90Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 91Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 92Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 93Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 94Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 95Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 96Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 97Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 147 page
background image
Electrical Specifications
94
June 2004
SPRS257
tw(RSL)
th(XPLLDIS)
th(XMP/MC)
tOSCST
VDDIO, VDDAn,
VDDAIO (3.3 V)
XCLKIN
X1
XRS
XF/XPLLDIS
XMP/MC
VDD, VDD1 (1.8 V (or
1.9 V))
I/O Pins
XPLLDIS Sampling
Address/Data/
Control
XCLKOUT
(Don’t Care)
(Don’t Care)
GPIOF14/XF (User-Code Dependent)
XCLKIN/8 (See Note A)
(Don’t Care)
Input Configuration (State Depends on Internal PU/PD)
User-Code Dependent
Address/Data/Control Valid Execution
Begins From External Boot Address 0x3FFFC0
User-Code Dependent
2.5 V
0.3 V
td(EX)
NOTES: A. Upon power up, SYSCLKOUT is XCLKIN/2 if the PLL is enabled. Since both the XTIMCLK and CLKMODE bits in the XINTCNF2
register come up with a reset state of 1, SYSCLKOUT is further divided by 4 before it appears at XCLKOUT. This explains why
XCLKOUT = XCLKIN/8 during this phase.
B. The state of the GPIO pins is undefined (i.e., they could be input or output) until the 1.8-V (or 1.9-V) supply reaches at least 1 V
and 3.3-V supply reaches 2.5 V..
See Note B
tsu(XPLLDIS)
Figure 6−7. Power-on Reset in Microprocessor Mode (XMP/MC = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com