Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHA Datasheet(PDF) 69 Page - Texas Instruments

Part # TMP320F2811ZHHA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHA Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMP320F2811ZHHA Datasheet HTML 65Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 66Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 67Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 68Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 69Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 70Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 71Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 72Page - Texas Instruments TMP320F2811ZHHA Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 147 page
background image
Peripherals
69
June 2004
SPRS257
Table 4−7 provides a summary of the McBSP registers.
Table 4−7. McBSP Register Summary
NAME
ADDRESS
0x00 78xxh
TYPE
(R/W)
RESET VALUE
(HEX)
DESCRIPTION
DATA REGISTERS, RECEIVE, TRANSMIT†
−
−
−
0x0000
McBSP Receive Buffer Register
−
−
−
0x0000
McBSP Receive Shift Register
−
−
−
0x0000
McBSP Transmit Shift Register
DRR2
00
R
0x0000
McBSP Data Receive Register 2
− Read First if the word size is greater than 16 bits,
else ignore DRR2
DRR1
01
R
0x0000
McBSP Data Receive Register 1
− Read Second if the word size is greater than 16 bits,
else read DRR1 only
DXR2
02
W
0x0000
McBSP Data Transmit Register 2
− Write First if the word size is greater than 16 bits,
else ignore DXR2
DXR1
03
W
0x0000
McBSP Data Transmit Register 1
− Write Second if the word size is greater than 16 bits,
else write to DXR1 only
McBSP CONTROL REGISTERS
SPCR2
04
R/W
0x0000
McBSP Serial Port Control Register 2
SPCR1
05
R/W
0x0000
McBSP Serial Port Control Register 1
RCR2
06
R/W
0x0000
McBSP Receive Control Register 2
RCR1
07
R/W
0x0000
McBSP Receive Control Register 1
XCR2
08
R/W
0x0000
McBSP Transmit Control Register 2
XCR1
09
R/W
0x0000
McBSP Transmit Control Register 1
SRGR2
0A
R/W
0x0000
McBSP Sample Rate Generator Register 2
SRGR1
0B
R/W
0x0000
McBSP Sample Rate Generator Register 1
MULTICHANNEL CONTROL REGISTERS
MCR2
0C
R/W
0x0000
McBSP Multichannel Register 2
MCR1
0D
R/W
0x0000
McBSP Multichannel Register 1
RCERA
0E
R/W
0x0000
McBSP Receive Channel Enable Register Partition A
RCERB
0F
R/W
0x0000
McBSP Receive Channel Enable Register Partition B
XCERA
10
R/W
0x0000
McBSP Transmit Channel Enable Register Partition A
XCERB
11
R/W
0x0000
McBSP Transmit Channel Enable Register Partition B
PCR1
12
R/W
0x0000
McBSP Pin Control Register
RCERC
13
R/W
0x0000
McBSP Receive Channel Enable Register Partition C
RCERD
14
R/W
0x0000
McBSP Receive Channel Enable Register Partition D
XCERC
15
R/W
0x0000
McBSP Transmit Channel Enable Register Partition C
XCERD
16
R/W
0x0000
McBSP Transmit Channel Enable Register Partition D
† DRR2/DRR1 and DXR2/DXR1 share the same addresses of receive and transmit FIFO registers in FIFO mode.
‡ FIFO pointers advancing is based on order of access to DRR2/DRR1 and DXR2/DXR1 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com