Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C2811PBKA Datasheet(PDF) 65 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 61Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 62Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 63Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 64Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 65Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 66Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 67Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 68Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 147 page
background image
Peripherals
65
June 2004
SPRS257
Table 4−5. 3.3-V eCAN Transceivers for the TMS320R281x DSPs (Continued)
PART NUMBER
SUPPLY
VOLTAGE
LOW-POWER
MODE
SLOPE
CONTROL
VREF
OTHER
TA
SN65HVD234
3.3 V
Standby & Sleep
Adjustable
None
−−
−40°C to 125°C
SN65HVD235
3.3 V
Standby
Adjustable
None
Autobaud
Loopback
−40°C to 125°C
Mailbox Enable − CANME
Mailbox Direction − CANMD
Transmission Request Set − CANTRS
Transmission Request Reset − CANTRR
Transmission Acknowledge − CANTA
Abort Acknowledge − CANAA
Received Message Pending − CANRMP
Received Message Lost − CANRML
Remote Frame Pending − CANRFP
Global Acceptance Mask − CANGAM
Master Control − CANMC
Bit-Timing Configuration − CANBTC
Error and Status − CANES
Transmit Error Counter − CANTEC
Receive Error Counter − CANREC
Global Interrupt Flag 0 − CANGIF0
Global Interrupt Mask − CANGIM
Mailbox Interrupt Mask − CANMIM
Mailbox Interrupt Level − CANMIL
Overwrite Protection Control − CANOPC
TX I/O Control − CANTIOC
RX I/O Control − CANRIOC
Time Stamp Counter − CANTSC
Global Interrupt Flag 1 − CANGIF1
Time-Out Control − CANTOC
Time-Out Status − CANTOS
Reserved
eCAN Control and Status Registers
Message Identifier − MSGID
61E8h−61E9h
Message Control − MSGCTRL
Message Data Low − MDL
Message Data High − MDH
Message Mailbox (16 Bytes)
Control and Status Registers
6000h
603Fh
Local Acceptance Masks (LAM)
(32 × 32-Bit RAM)
6040h
607Fh
6080h
60BFh
60C0h
60FFh
eCAN Memory (512 Bytes)
Message Object Time Stamps (MOTS)
(32 × 32-Bit RAM)
Message Object Time-Out (MOTO)
(32 × 32-Bit RAM)
Mailbox 0
6100h−6107h
Mailbox 1
6108h−610Fh
Mailbox 2
6110h−6117h
Mailbox 3
6118h−611Fh
eCAN Memory RAM (512 Bytes)
Mailbox 4
6120h−6127h
Mailbox 28
61E0h−61E7h
Mailbox 29
61E8h−61EFh
Mailbox 30
61F0h−61F7h
Mailbox 31
61F8h−61FFh
61EAh−61EBh
61ECh−61EDh
61EEh−61EFh
Figure 4−8. eCAN Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com