Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3201VS/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3201VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3201VS/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS90C3201VS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS90C3201
FPD-Link
Transmitter
Video
Source
Pixel Data
DE
Clock
VSYNC
HSYNC
Host
(PC, Graphics Board, Video Processor)
Display
(LCD Monitor, LCD TV, Digital TV)
DS90C3202
FPD-Link
Receiver
Digital
Display
Pixel Data
DE
Clock
VSYNC
HSYNC
LVDS Clock
5 Pairs
5 Pairs
LVDS
2-Wire Serial
Interface
PLL
7
7
7
7
7
7
7
7
7
7
RFB
PWDNB
TCLKIN
TXOA [6:0]
TXOB[6:0]
TXOC [6:0]
TXOD [6:0]
TXOE[6:0]
TXEA[6:0]
TXEB[6:0]
TXEC[6:0]
TXED[6:0]
TXEE[6:0]
S2CLK
S2DAT
TXOA-/+
TXOB-/+
TXOC-/+
TXOD-/+
TXOE-/+
TXEA -/+
TXEB -/+
TXEC-/+
TXED-/+
TXEE -/+
TCLKOUT -/+
MODE0
MODE1
DS90C3201
SNLS192D – APRIL 2005 – REVISED APRIL 2013
www.ti.com
Block Diagram
Figure 1. Transmitter Block Diagram
Typical Application Diagram
Figure 2. LCD Panel Application Diagram
Functional Description
The DS90C3201 and DS90C3202 are a dual 10-bit color Transmitter and Receiver FPD-Link chipset designed to
transmit data at clocks speeds from 8 to 135 MHz. DS90C3201 and DS90C3202 are designed to interface
between the digital video processor and the display using a LVDS interface. The DS90C3201 transmitter
serializes 2 channels of video data (10-bit each for RGB for each channel, totaling 60 bits) and control signals
(HSYNC, VSYNC, DE and two user-defined signals) along with clock signal to 10 channels of LVDS signals and
transmits them. The DS90C3202 receiver converts 10 channels of LVDS signals into parallel signals and outputs
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C3201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com