Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3201VS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3201VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3201VS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS90C3201VS/NOPB Datasheet HTML 1Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C3201VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS90C3201
www.ti.com
SNLS192D – APRIL 2005 – REVISED APRIL 2013
Electrical Characteristics
(1) (2) (3) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOS
Offset Voltage (Programmable
RL = 100Ω, Register addr 28d/1ch
1.0
1.2
1.5
V
register)
bit [3:2] (TXE) = 00b,
bit [1:0] (TXO) = 00b, (Default)
RL = 100Ω, Register addr 28d/1ch
0.8
1.0
1.2
V
bit [3:2] (TXE) = 01b,
bit [1:0] (TXO) = 01b
RL = 100Ω, Register addr 28d/1ch
0.6
0.8
1.0
V
bit [3:2] (TXE) = 10b,
bit [1:0] (TXO) = 10b
ΔVOS
Change in VOS between
50
mV
complimentary output states
IOS
Output Short Circuit Current
VOUT = 0V
−50
mA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current, Worst
RL = 100Ω,
f = 8 MHz
20
60
95
mA
Case
CL = 5pF,
f = 135 MHz
65
150
235
mA
(Figure 4, Figure 6) (4)
Worst Case Pattern,
Default Register
Settings
ICCTG
Transmitter Supply Current,
RL = 100Ω,
f = 8 MHz
15
55
90
mA
Incremental Test Pattern
CL = 5pF,
f = 135 MHz
40
110
175
mA
(Figure 5 Figure 6) (5)
Worst Case Pattern,
Default Register
Settings
ICCTZ
Transmitter Supply Current, Power
PDWNB = Low,
2
mA
Down
RL = 100Ω, CL = 5pF,
Default Register Settings
(4)
The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and LVCMOS/LVTTL I/O.
(5)
The incremental test pattern tests device power consumption for a “typical” LCD display pattern.
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
TCIT
TCLK IN Transition Time (Figure 8)
(1)
ns
TCIP
TCLK IN Period (Figure 9)
7.4
T
125.0
ns
TCIH
TCLK IN High Time (Figure 9)
0.30TCIP
0.50TCIP
0.70TCIP
ns
TCIL
TCLK IN Low Time (Figure 9)
0.30TCIP
0.50TCIP
0.70TCIP
ns
TXIT
TxIN Transition Time
(1)
(1)
ns
TJITRMS
TCLK IN Jitter (RMS)
±200
ps
(1)
Less than 5ns or 30% of TCIP, whichever is less.
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
LLHT
LVDS Low-to-High Transition Time (Figure 7)
0.6
1.5
ns
LHLT
LVDS High-to-Low Transition Time (Figure 7)
0.6
1.5
ns
TPPos1
Transmitter Output Pulse Position for bit 1 (1st bit) (Figure 15)
−0.2
0
+0.2
UI (1)
TPPos0
Transmitter Output Pulse Position for bit 0 (2nd bit) (Figure 15)
1 UI
− 0.2
1
1 UI + 0.2
UI (1)
TPPos6
Transmitter Output Pulse Position for bit 6 (3rd bit) (Figure 15)
2 UI
− 0.2
2
2 UI + 0.2
UI (1)
TPPos5
Transmitter Output Pulse Position for bit 5 (4th bit) (Figure 15)
3 UI
− 0.2
3
3 UI + 0.2
UI (1)
TPPos4
Transmitter Output Pulse Position for bit 4 (5th bit) (Figure 15)
4 UI
− 0.2
4
4 UI + 0.2
UI (1)
(1)
A Unit Interval (UI) is defined as 1/7th of an ideal clock period (TCIP/7). E.g. For an 11.76ns clock period (85MHz), 1 UI = 1.68ns
(Figure 13)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90C3201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com